Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62064APG Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TD62064APG
Description  4ch High-Current Darlington Sink Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62064APG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TD62064APG Datasheet HTML 1Page - Toshiba Semiconductor TD62064APG Datasheet HTML 2Page - Toshiba Semiconductor TD62064APG Datasheet HTML 3Page - Toshiba Semiconductor TD62064APG Datasheet HTML 4Page - Toshiba Semiconductor TD62064APG Datasheet HTML 5Page - Toshiba Semiconductor TD62064APG Datasheet HTML 6Page - Toshiba Semiconductor TD62064APG Datasheet HTML 7Page - Toshiba Semiconductor TD62064APG Datasheet HTML 8Page - Toshiba Semiconductor TD62064APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TD62064APG/AFG
2007-10-16
2
Schematics (each driver)
Note: The input and output parasitic diodes cannot be used as clamp diodes.
Precautions for Using
(1) This IC does not include built-in protection circuits for excess current or overvoltage.
If this IC is subjected to excess current or overvoltage, it may be destroyed.
Hence, the utmost care must be taken when systems which incorporate this IC are designed.
Utmost care is necessary in the design of the output line, COMMON and GND line since IC may be destroyed
due to short-circuit between outputs, air contamination fault, or fault by improper grounding.
(2) This IC is being used to drive an inductive load (such as a motor, solenoid or relay), Toshiba recommends that
the diodes (pins 1 and 8) be connected to the secondary power supply pin so as to absorb the counter
electromotive force generated by the load. Please adhere to the device’s absolute maximum ratings.
Toshiba recommends that zener diodes be connected between the diodes (pins 1 and 8) and the secondary power
supply pin (as the anode) so as to enable rapid absorption of the counter electromotive force. Again, please
adhere to the device’s absolute maximum ratings.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Output sustaining voltage
VCE (SUS)
−0.5 to 50
V
Output current
IOUT
1.5
A/ch
Input current
IIN
50
mA
Input voltage
VIN
−0.5 to 17
V
Clamp diode reverse voltage
VR
50
V
Clamp diode forward current
IF
1.5
A
APG
1.47/2.7 (Note 1)
Power dissipation
AFG
PD
0.9/1.4 (Note 2)
W
Operating temperature
Topr
−40 to 85
°C
Storage temperature
Tstg
−55 to 150
°C
Note 1: On glass epoxy PCB (50
× 50 × 1.6 mm Cu 50%)
Note 2: On glass epoxy PCB (60
× 30 × 1.6 mm Cu 30%)
Input
Output
GND
COMMON
230
Ω


Similar Part No. - TD62064APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62064AP TOSHIBA-TD62064AP Datasheet
249Kb / 10P
   4CH HIHG-CURRENT DARLINGTON SINK DRIVER
TD62064AP TOSHIBA-TD62064AP Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064APA TOSHIBA-TD62064APA Datasheet
215Kb / 6P
   4CH HIGH-CURRENT DRALINGTON SINK DRIVER
More results

Similar Description - TD62064APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP-1 TOSHIBA-TD62064BP-1_06 Datasheet
417Kb / 11P
   4CH HIGH−CURRENT DARLINGTON SINK DRIVER
TD62064074P TOSHIBA-TD62064074P Datasheet
249Kb / 10P
   4CH HIHG-CURRENT DARLINGTON SINK DRIVER
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
   4ch Low Input Active High-Current Darlington Sink Driver
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com