Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR5SB35 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCR5SB35
Description  200mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB35 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCR5SB35 Datasheet HTML 1Page - Toshiba Semiconductor TCR5SB35 Datasheet HTML 2Page - Toshiba Semiconductor TCR5SB35 Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB35 Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB35 Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB35 Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB35 Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB35 Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB35 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TCR5SB15~TCR5SB50
2007-11-01
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCR5SB15~TCR5SB50
200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB15~TCR5SB50 are single output voltage regulators for
general purpose in CMOS process, and these provide low dropout,
low bias current, and control function.
TCR5SB15~TCR5SB50
perform ON/OFF operation for IC by control pin.
Output voltage is fixed from 1.5V to 5.0V by per 0.1V step.
Maximum output current is 200mA, and overcurrent protection circuit
is designed in.
Package sizes are available in SMV (SOT23-5) (SC-74A), and
compact ceramic capacitors can be used at input and output. These
devices are suitable for use of portable equipment such as cellular
phone.
Features
Low quiescent current ( IB = 40 μA (typ.) at IOUT = 0 mA )
Low stand-by current ( IB(OFF) = 0.1 μA (typ.) @ Stand-by mode )
Low-dropout voltage ( VIN - VOUT = 85 mV (typ.) at TCR5SB30, IOUT = 50 mA )
High current output ( IOUT = 200 mA (max) )
High ripple rejection ( R.R = 80 dB (typ) @ IOUT = 10 mA, f =1kHz )
Low output noise voltage ( VNO = 30 μVrms (typ.) @ TCR5SB30, IOUT = 10 mA, 10 Hz ≦ f ≦ 100 kHz )
Control voltage can be allowed from -0.3 to 6 V regardless of VIN voltage.
Overcurrent protection
Ceramic capacitors can be used ( CIN = 0.1μF, COUT =1.0 μF )
Wide range voltage listing (Please see Output Voltage Accuracy at page 4 for variety of the output voltage )
Small package, SMV (SOT23-5) (SC-74A)
RoHS compatible
Pin Assignment (top view)
Weight: 0.014 g (typ.)
VOUT
CONTROL
GND
NC
VIN
1
2
3
4
5


Similar Part No. - TCR5SB35

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB35A TOSHIBA-TCR5SB35A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB35U TOSHIBA-TCR5SB35U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Similar Description - TCR5SB35

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com