Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3622 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3622
Description  Low-Jitter, Precision Clock Generator with Two Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3622 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3622 Datasheet HTML 1Page - Maxim Integrated Products MAX3622 Datasheet HTML 2Page - Maxim Integrated Products MAX3622 Datasheet HTML 3Page - Maxim Integrated Products MAX3622 Datasheet HTML 4Page - Maxim Integrated Products MAX3622 Datasheet HTML 5Page - Maxim Integrated Products MAX3622 Datasheet HTML 6Page - Maxim Integrated Products MAX3622 Datasheet HTML 7Page - Maxim Integrated Products MAX3622 Datasheet HTML 8Page - Maxim Integrated Products MAX3622 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Low-Jitter, Precision Clock Generator
with Two Outputs
________________________________________________________________
Maxim Integrated Products
1
19-2456; Rev 0; 11/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX3622 is a low-jitter precision clock generator
optimized for networking applications. The device inte-
grates a crystal oscillator and a phase-locked loop
(PLL) clock multiplier to generate high-frequency clock
outputs for Ethernet and other networking applications.
Maxim’s proprietary PLL design features ultra-low jitter
(0.36psRMS) and excellent power-supply noise rejec-
tion, minimizing design risk for network equipment.
The MAX3622 has one LVPECL output and one
LVCMOS output. It is available in a 16-pin TSSOP pack-
age and operates over the 0°C to +70°C temperature
range.
Applications
Ethernet Networking Equipment
Features
♦ Crystal Oscillator Interface: 25MHz Typical
♦ Output Frequencies: 125MHz and 156.25MHz
♦ Low Jitter
0.14psRMS (1.875MHz to 20MHz)
0.36psRMS (12kHz to 20MHz)
♦ Excellent Power-Supply Noise Rejection
♦ No External Loop Filter Capacitor Required
Ordering Information
CRYSTAL
OSCILLATOR
X_IN
X_OUT
PFD
FILTER
RESET
RESET
RESET LOGIC/POR
÷ 25
RESET
÷ 4
÷ 5
VCO
LVCMOS
BUFFER
QA_C
QAC_OE
LVPECL
BUFFER
QB
QB_OE
QB
MAX3622
RESET
625MHz
25MHz
33pF
27pF
Block Diagram
+
Denotes a lead-free package.
Typical Application Circuit and Pin Configuration appear
at end of data sheet.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX3622CUE+
0
°C to +70°C
16 TSSOP
U16-2


Similar Part No. - MAX3622

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX362 MAXIM-MAX362 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX3620 MAXIM-MAX3620 Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620AETT MAXIM-MAX3620AETT Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620BETT MAXIM-MAX3620BETT Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620CETT MAXIM-MAX3620CETT Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
More results

Similar Description - MAX3622

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
MAX3627 MAXIM-MAX3627 Datasheet
619Kb / 11P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 4/09
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com