Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3886 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3886
Description  Multirate CDR with Integrated Serializer/Deserializer for GPON and BPON ONT Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3886 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3886 Datasheet HTML 6Page - Maxim Integrated Products MAX3886 Datasheet HTML 7Page - Maxim Integrated Products MAX3886 Datasheet HTML 8Page - Maxim Integrated Products MAX3886 Datasheet HTML 9Page - Maxim Integrated Products MAX3886 Datasheet HTML 10Page - Maxim Integrated Products MAX3886 Datasheet HTML 11Page - Maxim Integrated Products MAX3886 Datasheet HTML 12Page - Maxim Integrated Products MAX3886 Datasheet HTML 13Page - Maxim Integrated Products MAX3886 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Multirate CDR with Integrated Serializer/Deserializer
for GPON and BPON ONT Applications
10
______________________________________________________________________________________
SDI+
SDI-
FREQ
DETECT
CDR PLL
OSC
RFCK1
RFCK2
LOCK
CFIL
MVCO
D
CLK
CLK/4
4-BIT SERIAL
TO PARALLEL
DIV 2
PCKO+
PCKO-
MDDR
REGISTER
PCKI+
PCKI-
5 x 4 FIFO
1
0
RCKO+
MSYM
Q
D
D
D
D
4-BIT
PARALLEL
TO SERIAL
WR
SDO+
RCKO-
SDO-
BENO+
BENO-
RD
FERR
FRST
CLK
CLK
1
0
DIV 4
Q
PDO3+
PDO3-
LVDS
Q
PDO2+
PDO2-
LVDS
Q
PDO1+
PDO1-
LVDS
Q
PDO0+
PDO0-
LVDS
LVDS
LVDS
PDI3+
PDI3-
LVDS
PDI2+
PDI2-
LVDS
PDI1+
PDI1-
LVDS
PDI0+
PDI0-
LVDS
BENI+
BENI-
LVDS
CMOS
CMOS
CMOS
CMOS
D
D
Q
CLK
VCO
LPF
PD
CML
CMOS
CMOS
DIV 2,
DIV 4
LVDS
CML
Q
CLK
CML
MAX3886
Figure 4. Functional Diagram


Similar Part No. - MAX3886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX388-MAX389 MAXIM-MAX388-MAX389 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX38800 MAXIM-MAX38800 Datasheet
1Mb / 28P
   Integrated, Step-Down Switching Regulator With Selectable Applications Configurations
Rev 0; 9/17
MAX38800EVKIT MAXIM-MAX38800EVKIT Datasheet
1Mb / 15P
   High-Efficiency Solution Inductor valley current limit is Configured to 7.5A
Rev 0; 8/17
More results

Similar Description - MAX3886

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3157 AMCC-CS3157 Datasheet
38Kb / 2P
   GPON Transceiver With CDR
logo
Source Photonics, Inc.
FTM-9823T-CGH SOURCE-FTM-9823T-CGH Datasheet
329Kb / 18P
   GPON ONT Triplexer
FTM-9423P-FGHG SOURCE-FTM-9423P-FGHG Datasheet
350Kb / 17P
   SFF GPON ONT Diplexer
logo
Micrel Semiconductor
SY87725L MICREL-SY87725L Datasheet
406Kb / 20P
   2.5Gbps GPON/BPON ONU SERDES
SY87725L MICREL-SY87725L_11 Datasheet
764Kb / 20P
   2.5Gbps GPON/BPON ONU SERDES
logo
Lattice Semiconductor
XPIO110GXS LATTICE-XPIO110GXS Datasheet
351Kb / 23P
   Fully Integrated 10Gbps Serializer/Deserializer Device
logo
Vitesse Semiconductor C...
VSC6511 VITESSE-VSC6511 Datasheet
379Kb / 22P
   SMPTE-292M Serializer, Deserializer, and Deserializer/Reclocker at 1.485Gb/s
logo
Cypress Semiconductor
CYV15G0104TRB CYPRESS-CYV15G0104TRB Datasheet
775Kb / 28P
   Independent Clock HOTLink II??Serializer and Reclocking Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
DS25C400 NSC-DS25C400 Datasheet
409Kb / 26P
   Quad 2.5 Gbps Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com