Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM800HA-24B Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # QM800HA-24B
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM800HA-24B Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  QM800HA-24B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM800HA-24B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM800HA-24B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM800HA-24B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb.1999
7
5
4
3
2
7
5
4
3
2
2.6
3.0
3.4
3.8
VCE=4V
Tj=25°C
4.2
4.6
–1
10
0
10
1
10
–2
10
7
5
3
2
7
5
3
2
7
5
3
2
5
4
3
2
1
0
Tj=25°C
Tj=125°C
0
10
–1
10
1
10
IC=600A
IC=1000A
IC=800A
23 4 5 7
7
5
4
3
2
7
5
4
3
2
23 4 5 7
Tj=25°C
Tj=125°C
4
10
3
10
2
10
1
10
2
10
3
10
VCE=4.0V
7
5
4
3
2
7
5
4
3
2
23 4 5 7
2 3 4 5 7
Tj=25°C
Tj=125°C
–1
10
IB=1.06A
VBE(sat)
VCE(sat)
1
10
0
10
1
10
2
10
3
10
7
5
4
3
2
7
5
4
3
2
0
0.4
0.8
1.2
1.6
2.0
Tj=25°C
Tj=125°C
1
10
2
10
3
10
1000
800
600
400
200
0
0
1
2
345
Tj=25°C
IB=250mA
IB=1.06A
IB=4A
IB=0.5A
PERFORMANCE CURVES
COMMON EMITTER OUTPUT
CHARACTERISTICS (TYPICAL)
COMMON EMITTER INPUT
CHARACTERISTIC (TYPICAL)
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION
VOLTAGE (TYPICAL)
DC CURRENT GAIN VS.
COLLECTOR CURRENT (TYPICAL)
COLLECTOR-EMITTER VOLTAGE
VCE (V)
COLLECTOR CURRENT
IC (A)
COLLECTOR CURRENT
IC (A)
BASE-EMITTER VOLTAGE
VBE (V)
BASE CURRENT
IB (A)
MITSUBISHI TRANSISTOR MODULES
QM800HA-24B
HIGH POWER SWITCHING USE
INSULATED TYPE
REVERSE COLLECTOR CURRENT VS.
COLLECTOR-EMITTER REVERSE
VOLTAGE (DIODE FORWARD
CHARACTERISTICS) (TYPICAL)
COLLECTOR-EMITTER REVERSE VOLTAGE
–VCEO (V)


Similar Part No. - QM800HA-24B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM800HA-2HB MITSUBISHI-QM800HA-2HB Datasheet
52Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM800HA-24B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com