Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4273ESE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4273ESE
Description  3V to 12V Current-Limiting Hot-Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4273ESE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4273ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 9Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 10Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 11Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 12Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 13Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 14Page - Maxim Integrated Products MAX4273ESE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Unlike other circuit breaker ICs, the MAX4271/
MAX4272/MAX4273 regulate the current to a preset
level instead of completely turning off the external
N-FET if an overcurrent condition occurs during startup.
In startup mode, the gate drive current is limited to
100µA and decreases with the increase of the gate
voltage (see Gate Charge Current vs. Gate Voltage in
the Typical Operating Characteristics). This allows the
controller to slowly enhance the MOSFET. If the fast
comparator detects an overcurrent, the gate voltage is
momentarily discharged with a fixed 70µA current until
the load current through the sense resistor (RSENSE)
decreases below its threshold point. This effectively
regulates the inrush current during startup. Figure 3
shows the startup waveforms. STAT goes high at the
end of the startup period if no fault condition is present.
Normal Operation (DualSpeed/BiLevel)
In normal operation (after the startup timer has
expired), protection is provided by turning off the exter-
nal MOSFET when a fault condition is encountered.
DualSpeed/BiLevel fault protection incorporates two
comparators with different thresholds and response
times to monitor the current:
1)
Slow comparator. This comparator has an externally
set response time (from 20µs to seconds) and a fixed
50mV threshold voltage. The slow comparator
ignores low-amplitude momentary current glitches.
After an extended overcurrent condition, a fault is
generated and the MOSFET gate is slowly dis-
charged.
2)
Fast comparator. This comparator has a fixed 350ns
response time and a 200mV threshold voltage
(adjustable from 50mV to 750mV in MAX4273). The
fast comparator turns off the MOSFET immediately
after it detects a large amplitude event such as a
short circuit.
3V to 12V Current-Limiting Hot-Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
______________________________________________________________________________________
11
Figure 1. MAX4271/MAX4272 Functional Diagram
MAX4271
MAX4272
6μA
SLOW COMPARATOR
FAST COMPARATOR
6μA
2.45V
CSPD
CSPD
INPUT
UVLO
LOGIC
CONTROL
DISCHARGE
ENABLE
VIN
STAT
GND
CTIM
CTIM
4μA
0.1V
0.6V
ON
RSENSE
N
M1
GATE
SENSE
IN
GATE
OVLO
ON COMPARATOR
GATE
DRIVE
VSC,TH
50mV
VSC,TH
200mV
150ms
DELAY
ON
VIN RISING
VOUT
VIN
CHARGE
PUMP
(1MHz)


Similar Part No. - MAX4273ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4273ESE MAXIM-MAX4273ESE Datasheet
407Kb / 24P
   3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
19-1694; Rev 1a; 4/01
More results

Similar Description - MAX4273ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4271 MAXIM-MAX4271 Datasheet
407Kb / 24P
   3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
19-1694; Rev 1a; 4/01
MAX4370 MAXIM-MAX4370 Datasheet
226Kb / 16P
   Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection
Rev 0; 4/99
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
logo
Monolithic Power System...
MP5021 MPS-MP5021 Datasheet
966Kb / 19P
   12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
   12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
   12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com