Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4508CSE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4508CSE
Description  Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4508CSE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4508CSE Datasheet HTML 4Page - Maxim Integrated Products MAX4508CSE Datasheet HTML 5Page - Maxim Integrated Products MAX4508CSE Datasheet HTML 6Page - Maxim Integrated Products MAX4508CSE Datasheet HTML 7Page - Maxim Integrated Products MAX4508CSE Datasheet HTML 8Page - Maxim Integrated Products MAX4508CSE Datasheet HTML 9Page - Maxim Integrated Products MAX4508CSE Datasheet HTML 10Page - Maxim Integrated Products MAX4508CSE Datasheet HTML 11Page - Maxim Integrated Products MAX4508CSE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Fault-Protected, High-Voltage Single 8-to-1/
Dual 4-to-1 Multiplexers with Output Clamps
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(V+ = +15V, V- = -15V, VEN = +2.4V, TA = +25°C, unless otherwise noted.)
-300
-200
-100
0
100
200
300
-55
-5
-30
20
45
70
95
120 145
POWER-SUPPLY CURRENT
vs. TEMPERATURE (VA = 0)
TEMPERATURE (°C)
V+ = +15V
V- = -15V
VA = 0
I-
IGND
I+
-600
0
-200
-400
200
400
600
-60
20
0
-40 -20
40 60 80 100 120 140
POWER-SUPPLY CURRENT
vs. TEMPERATURE (VA = +5V)
TEMPERATURE (°C)
V+ = +15V
V- = -15V
VA = +5V
I-
IGND
I+
0
0.5
1.0
1.5
2.0
2.5
3.0
010
5
152025303540
LOGIC-LEVEL THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
V- = GND
DUAL
SUPPLIES
SINGLE
SUPPLY
FREQUENCY RESPONSE
FREQUENCY (MHz)
20
-100
-80
-60
-40
-20
0
0.001
1
10
100
0.01
0.1
1000
V+ = +15V
V- = -15V
BANDWIDTH
CROSSTALK
OFF-ISOLATION
5
μs/div
FAULT-FREE SIGNAL PERFORMANCE
IN_
10V/div
10V/div
0V
0V
COM_
FAULT-FREE RAIL-TO-RAIL SIGNAL HANDLING
WITH ±15V SUPPLIES
+15V
+15V
-15V
-15V
5
μs/div
INPUT OVERVOLTAGE vs. OUTPUT CLAMPING
IN_
0V
COM_
±25V OVERVOLTAGE INPUT WITH THE OUTPUT
CLAMPED AT ±15V
-15V
-25V
+25V
+15V
0V
0V


Similar Part No. - MAX4508CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4508CSE MAXIM-MAX4508CSE Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
More results

Similar Description - MAX4508CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
logo
Texas Instruments
TMUX7308F TI-TMUX7308F_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
OCTOBER 2021
TMUX7308F TI-TMUX7308F Datasheet
1Mb / 34P
[Old version datasheet]   TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
   Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com