Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23250-G4YMT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC23250-G4YMT
Description  4MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23250-G4YMT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC23250-G4YMT Datasheet HTML 1Page - Micrel Semiconductor MIC23250-G4YMT Datasheet HTML 2Page - Micrel Semiconductor MIC23250-G4YMT Datasheet HTML 3Page - Micrel Semiconductor MIC23250-G4YMT Datasheet HTML 4Page - Micrel Semiconductor MIC23250-G4YMT Datasheet HTML 5Page - Micrel Semiconductor MIC23250-G4YMT Datasheet HTML 6Page - Micrel Semiconductor MIC23250-G4YMT Datasheet HTML 7Page - Micrel Semiconductor MIC23250-G4YMT Datasheet HTML 8Page - Micrel Semiconductor MIC23250-G4YMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Micrel, Inc.
MIC23250
December 2007
4
M9999-121707-A
Typical Characteristics
0
5
10
15
20
25
30
35
40
45
50
2.7
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
3.2
3.7
4.2
4.7
5.2 5.7
L = 1µH
COUT = 4.7µF
0.01
0.1
1
10
1
10
100
1000
OUTPUT CURRENT (mA)
Switching Frequency
vs. Output Current
VOUT = 1.8V
L = 1µH
COUT = 4.7µF
VIN = 3.6V
VIN = 3.0V
VIN = 4.2V
4MHz
0.01
0.1
1
10
1
10
100
1000
OUTPUT CURRENT (mA)
Switching Frequency
vs. Output Current
VIN = 3.6V
VOUT = 1.8V
COUT = 4.7µF
L = 2.2µH
L = 1µH
L = 4.7µH
4MHz
3.0
3.5
4.0
4.5
5.0
Frequency
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
L = 1µH
COUT = 4.7µF
Load = 120mA
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
1
10
100
1000
OUTPUT CURRENT (mA)
VIN = 3.6V
VIN = 3.0V
VIN = 4.2V
Output Voltage
vs. Output Current
1.72
1.74
1.76
1.78
1.82
1.84
1.86
1.88
2.7
1.70
1.80
1.90
INPUT VOLTAGE (V)
Output Voltage
vs. Input Voltage
3.2
3.7
4.2
4.7 5.2 5.7
L = 1µH
COUT = 4.7µF
Load = 300mA
Load = 1mA
Load = 10mA
Load = 50mA
Load = 150mA
Load = 400mA
1.5
1.6
1.7
1.9
Output Voltage
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
L = 1µH
COUT = 4.7µF
Load = 120mA
1.8
VOUT1 = 1.575V
VOUT2 = 1.8V
0
0.2
0.4
0.6
0.8
1.2
Enable Threshold
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
L = 1µH
COUT = 4.7µF
1.0 VIN = 3.6V
VIN = 2.7V
VIN = 5.5V
0.800
0.825
0.850
0.875
0.900
0.925
0.950
0.975
1.000
2.7
INPUT VOLTAGE (V)
Enable Threshold
vs. Input Voltage
3.2
3.7
4.2
4.7
5.2 5.7
VIN = 3.6V
VOUT = 1.8V
Load = 150mA
Enable OFF
Enable ON
550
600
650
700
2.7
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
3.2
3.7
4.2
4.7 5.2 5.7
L = 1µH
COUT = 4.7µF
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD (mA)
Efficiency VOUT = 1.8V
L = 1µH
COUT = 4.7µF
VIN = 3.0V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD (mA)
Efficiency VOUT = 1.8V
VIN = 3.6V
COUT = 4.7µF
L = 1.0µH
L = 1.5µH
L = 0.47µH


Similar Part No. - MIC23250-G4YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23250-G4YMT MICREL-MIC23250-G4YMT Datasheet
995Kb / 20P
   4MHz Dual 400mA Synchronous Buck Regulator with HyperLight Load
More results

Similar Description - MIC23250-G4YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23031 MICREL-MIC23031 Datasheet
3Mb / 17P
   4MHz PWM 400mA Buck Regulator with Hyper Light Load?
MIC23250 MICREL-MIC23250_10 Datasheet
995Kb / 20P
   4MHz Dual 400mA Synchronous Buck Regulator with HyperLight Load
MIC23050 MICREL-MIC23050 Datasheet
459Kb / 13P
   4MHz PWM Buck Regulator with HYPER LIGHT LOAD?
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
   4MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23254 MICREL-MIC23254 Datasheet
961Kb / 17P
   4MHz Dual 400mA Synchronous Buck Regulator with Low Input Voltage and HyperLight Load?
MIC26603 MICREL-MIC26603 Datasheet
1Mb / 30P
   28V, 6A Hyper Light Load Synchronous DC/DC Buck Regulator
MIC26903 MICREL-MIC26903 Datasheet
855Kb / 31P
   28V, 9A Hyper Light Load Synchronous DC/DC Buck Regulator
MIC261203 MICREL-MIC261203 Datasheet
1Mb / 31P
   28V, 12A Hyper Light Load??Synchronous DC/DC Buck Regulator
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
logo
Enpirion, Inc.
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
   400mA Synchronous Buck Regulator with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com