Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40042DRCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40042DRCT
Description  LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40042DRCT Datasheet(HTML) 5 Page - Texas Instruments

  TPS40042DRCT Datasheet HTML 1Page - Texas Instruments TPS40042DRCT Datasheet HTML 2Page - Texas Instruments TPS40042DRCT Datasheet HTML 3Page - Texas Instruments TPS40042DRCT Datasheet HTML 4Page - Texas Instruments TPS40042DRCT Datasheet HTML 5Page - Texas Instruments TPS40042DRCT Datasheet HTML 6Page - Texas Instruments TPS40042DRCT Datasheet HTML 7Page - Texas Instruments TPS40042DRCT Datasheet HTML 8Page - Texas Instruments TPS40042DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.ti.com
TPS40042
SLUS777 – NOVEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
TJ = -40 °C to 85°C VVDD = 5 V, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOFT START/ENABLE
Calibration time before softstart
tCAL
(3)
1.0
1.6
2.5
begins
FB rise time from 0 V to VREFIN = 1.5
ms
tSS
(3)
Soft start time(4)
4.5
6.0
7.5
V
tREG
Time to voltage regulation
Sum of tCAL plus tSS ; VREFIN = 1.5 V
5.5
7.6
10
VEN
Enable threshold
EN voltage w.r.t. VVDD
-0.8
-1.2
-1.6
V
VENHYS
Enable hysteresis
50
mV
BOOTSTRAP
RBOOT3V3
VBOOT to VVDD, VVDD = 3.3 V
50
Bootstrap switch resistances
RBOOT5V
VBOOT to VVDD, VVDD = 5 V
30
OUTPUT DRIVER
VBOOT - VSW = 3.3 V, ISRCE = 100
RHDHI3V3
HDRV pull-up resistance
3.0
5.5
mA
RHDLO3V3
HDRV pull-down resistance
VBOOT - VSW = 3.3 V, ISINK = 100 mA
1.5
3
RLDHI3V3
LDRV pull-up resistance
VVDD = 3.3 V, ISOURCE = 100 mA
3.0
5.5
RLDLO3V3
LDRV pull-down resistance
VVDD = 3.3 V, ISINK = 100 mA
1.0
2.0
tRISE
(5)
LDRV, HDRV rise time
CLOAD = 1 nF
15
35
tFALL
(5)
LDRV, HDRV fall time
CLOAD = 1 nF
10
25
ns
TDEAD HL
Adaptive timing HDRV to LDRV
No load
15
30
45
TDEAD LH
Adaptive timing LDRV to HDRV
No load
5
15
35
SWITCH NODE
ILEAK
Leakage current
VEN = VVDD
-2
µA
THERMAL SHUTDOWN
tSD
(5)
Shutdown temperature
145
°C
Hysteresis
15
(3)
tCAL and tSS track with temperature and input voltage
(4)
Soft start time is a function of VREFIN. See Applications section for further detail.
(5)
Ensured by design. Not production tested.
Copyright © 2007, Texas Instruments Incorporated
5
Product Folder Link(s): TPS40042


Similar Part No. - TPS40042DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40042DRCT TI1-TPS40042DRCT Datasheet
1Mb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40042DRCTG4 TI1-TPS40042DRCTG4 Datasheet
1Mb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
More results

Similar Description - TPS40042DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40042 TI1-TPS40042_16 Datasheet
1Mb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40040 TI-TPS40040_15 Datasheet
991Kb / 38P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40040 TI-TPS40040 Datasheet
771Kb / 36P
[Old version datasheet]   LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Rohm
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9B306NF-Z ROHM-BD9B306NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Mar.2023 Rev.001
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
   Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
logo
Texas Instruments
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
[Old version datasheet]   3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
TPS40190 TI-TPS40190_15 Datasheet
897Kb / 27P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com