Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74701 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74701
Description  500mA Low-Dropout Linear Regulator with Programmable Soft-Start
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74701 Datasheet(HTML) 4 Page - Texas Instruments

  TPS74701 Datasheet HTML 1Page - Texas Instruments TPS74701 Datasheet HTML 2Page - Texas Instruments TPS74701 Datasheet HTML 3Page - Texas Instruments TPS74701 Datasheet HTML 4Page - Texas Instruments TPS74701 Datasheet HTML 5Page - Texas Instruments TPS74701 Datasheet HTML 6Page - Texas Instruments TPS74701 Datasheet HTML 7Page - Texas Instruments TPS74701 Datasheet HTML 8Page - Texas Instruments TPS74701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
Thermal
Limit
Soft-Start
Discharge
OUT
V
OUT
FB
PG
IN
BIAS
SS
EN
Hysteresis
andDeglitch
Current
Limit
UVLO
0.44 A
m
0.8V
Reference
0.9 ´ V
REF
GND
C
SS
R
1
R
2
TPS74701
SBVS099A – NOVEMBER 2007 – REVISED NOVEMBER 2007
Table 1. Standard 1% Resistor Values for Programming the Output Voltage(1)
R1 (kΩ)
R2 (kΩ)
VOUT (V)
Short
Open
0.8
0.619
4.99
0.9
1.13
4.53
1.0
1.37
4.42
1.05
1.87
4.99
1.1
2.49
4.99
1.2
4.12
4.75
1.5
3.57
2.87
1.8
3.57
1.69
2.5
3.57
1.15
3.3
(1)
VOUT = 0.8 × (1 + R1/R2).
Table 2. Standard Capacitor Values for Programming the Soft-Start Time(1)
CSS
SOFT-START TIME
Open
0.1ms
270pF
0.5ms
560pF
1ms
2.7nF
5ms
5.6nF
10ms
0.01
µF
18ms
(1)
tSS(s) = 0.8 × CSS(F)/4.4 × 10
–7.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS74701


Similar Part No. - TPS74701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74701 TI-TPS74701 Datasheet
149Kb / 8P
[Old version datasheet]   Simple Power Solution Using LDOs
TPS74701 TI-TPS74701 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74701 TI1-TPS74701 Datasheet
2Mb / 37P
[Old version datasheet]   TPS74701-Q1 Automotive, 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED OCTOBER 2023
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
More results

Similar Description - TPS74701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com