Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74701DRCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74701DRCT
Description  500mA Low-Dropout Linear Regulator with Programmable Soft-Start
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74701DRCT Datasheet(HTML) 5 Page - Texas Instruments

  TPS74701DRCT Datasheet HTML 1Page - Texas Instruments TPS74701DRCT Datasheet HTML 2Page - Texas Instruments TPS74701DRCT Datasheet HTML 3Page - Texas Instruments TPS74701DRCT Datasheet HTML 4Page - Texas Instruments TPS74701DRCT Datasheet HTML 5Page - Texas Instruments TPS74701DRCT Datasheet HTML 6Page - Texas Instruments TPS74701DRCT Datasheet HTML 7Page - Texas Instruments TPS74701DRCT Datasheet HTML 8Page - Texas Instruments TPS74701DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
DEVICE INFORMATION
OUT
OUT
FB
SS
GND
10
9
8
7
6
IN
IN
PG
BIAS
EN
1
2
3
4
5
Thermal
Pad
PIN DESCRIPTIONS
TPS74701
SBVS099A – NOVEMBER 2007 – REVISED NOVEMBER 2007
DRC PACKAGE
3mm
× 3mm SON
(TOP VIEW)
TPS74701
NAME
PIN #
DESCRIPTION
IN
1, 2
Input to the device.
Enable pin. Driving this pin high enables the regulator. Driving this pin low puts the regulator into
EN
5
shutdown mode. This pin must not be left unconnected.
SS
7
Soft-Start pin. A capacitor connected on this pin to ground sets the start-up time. If this pin is left
unconnected, the regulator output soft-start ramp time is typically 200
µs.
BIAS
4
Bias input voltage for error amplifier, reference, and internal control circuits.
Power Good pin. An open-drain, active-high output that indicates the status of VOUT. When VOUT
exceeds the PG trip threshold, the PG pin goes into a high-impedance state. When VOUT is
below this threshold the pin is driven to a low-impedance state. A pull-up resistor from 10k
Ω to
PG
3
1M
Ω should be connected from this pin to a supply of up to 5.5V. The supply can be higher than
the input voltage. Alternatively, the PG pin can be left unconnected if output monitoring is not
necessary.
Feedback pin. The feedback connection to the center tap of an external resistor divider network
FB
8
that sets the output voltage. This pin must not be left floating.
OUT
9, 10
Regulated output voltage. A small capacitor (total typical capacitance
≥ 2.2
µF, ceramic) is
needed from this pin to ground to assure stability.
NC
N/A
No connection. This pin can be left floating or connected to GND to allow better thermal contact
to the top-side plane.
GND
6
Ground
Thermal Pad
Should be soldered to the ground plane for increased thermal performance.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS74701


Similar Part No. - TPS74701DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74701DRCT TI1-TPS74701DRCT Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCT TI-TPS74701DRCT Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCT TI1-TPS74701DRCT Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TPS74701DRCT TI-TPS74701DRCT Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
TPS74701DRCTG4 TI1-TPS74701DRCTG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
More results

Similar Description - TPS74701DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701-Q1 TI1-TPS74701-Q1 Datasheet
724Kb / 24P
[Old version datasheet]   500-mA LOW-DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com