Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD18245 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMD18245
Description  3A, 55V DMOS Full-Bridge Motor Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMD18245 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMD18245_06 Datasheet HTML 1Page - National Semiconductor (TI) LMD18245_06 Datasheet HTML 2Page - National Semiconductor (TI) LMD18245_06 Datasheet HTML 3Page - National Semiconductor (TI) LMD18245_06 Datasheet HTML 4Page - National Semiconductor (TI) LMD18245_06 Datasheet HTML 5Page - National Semiconductor (TI) LMD18245_06 Datasheet HTML 6Page - National Semiconductor (TI) LMD18245_06 Datasheet HTML 7Page - National Semiconductor (TI) LMD18245_06 Datasheet HTML 8Page - National Semiconductor (TI) LMD18245_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
DC Voltage at:
OUT 1, V
CC, and OUT 2
+60V
COMP OUT, RC, M4, M3, M2, M1, BRAKE,
+12V
DIRECTION, CS OUT, and DAC REF
DC Voltage PGND to SGND
±400mV
Continuous Load Current
3A
Peak Load Current (Note 2)
6A
Junction Temperature (T
J(max))
+150˚C
Power Dissipation (Note 3) :
TO-220 (T
A = 25˚C, Infinite Heatsink)
25W
TO-220 (T
A = 25˚C, Free Air)
3.5W
ESD Susceptibility (Note 4)
1500V
Storage Temperature Range (T
S)
−40˚C to +150˚C
Lead Temperature (Soldering, 10 seconds)
300˚C
Operating Conditions (Note 1)
Temperature Range (T
J) (Note 3)
−40˚C to +125˚C
Supply Voltage Range (V
CC)
+12V to +55V
CS OUT Voltage Range
0V to +5V
DAC REF Voltage Range
0V to +5V
MONOSTABLE Pulse Range
10 µs to 100 ms
Electrical Characteristics (Note 2)
The following specifications apply for V
CC = +42V, unless otherwise stated. Boldface limits apply over the operating tem-
perature range, −40˚C
≤ T
J
≤ +125˚C. All other limits apply for T
A =TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 5)
(Note 5)
(Limits)
I
CC
Quiescent Supply Current
DAC REF = 0V, V
CC = +20V
8
mA
15
mA (max)
POWER OUTPUT STAGE
R
DS(ON)
Switch ON Resistance
I
LOAD = 3A
0.3
0.4
Ω (max)
0.6
Ω (max)
I
LOAD = 6A
0.3
0.4
Ω (max)
0.6
Ω (max)
V
DIODE
Body Diode Forward Voltage
I
DIODE = 3A
1.0
V
1.5
V(max)
T
rr
Diode Reverse Recovery Time
I
DIODE =1A
80
ns
Q
rr
Diode Reverse Recovery Charge
I
DIODE =1A
40
nC
t
D(ON)
Output Turn ON Delay Time
Sourcing Outputs
I
LOAD =3A
5
µs
Sinking Outputs
I
LOAD = 3A
900
ns
t
D(OFF)
Output Turn OFF Delay Time
Sourcing Outputs
I
LOAD = 3A
600
ns
Sinking Outputs
I
LOAD = 3A
400
ns
t
ON
Output Turn ON Switching Time
Sourcing Outputs
I
LOAD =3A
40
µs
Sinking Outputs
I
LOAD =3A
1
µs
t
OFF
Output Turn OFF Switching Time
Sourcing Outputs
I
LOAD = 3A
200
ns
Sinking Outputs
I
LOAD =3A
80
ns
t
pw
Minimum Input Pulse Width
Pins 10 and 11
2
µs
t
DB
Minimum Dead Band
(Note 6)
40
ns
CURRENT SENSE AMPLIFIER
Current Sense Output
I
LOAD = 1A (Note 7)
200
µA (min)
250
175
µA (min)
300
µA (max)
325
µA (max)
Current Sense Linearity Error
0.5A
≤ I
LOAD
≤ 3A (Note 7)
±6%
±9
%(max)
www.national.com
3


Similar Part No. - LMD18245_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18245T NSC-LMD18245T Datasheet
647Kb / 18P
   3A, 55V DMOS Full-Bridge Motor Driver
logo
Texas Instruments
LMD18245T TI1-LMD18245T Datasheet
1Mb / 30P
[Old version datasheet]   LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
LMD18245T/NOPB TI1-LMD18245T/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
More results

Similar Description - LMD18245_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
   3A, 55V DMOS Full-Bridge Motor Driver
logo
Texas Instruments
LMD18245 TI1-LMD18245 Datasheet
1Mb / 30P
[Old version datasheet]   LMD18245 3A, 55V DMOS Full-Bridge Motor Driver
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950_06 Datasheet
530Kb / 12P
   DMOS Full-Bridge Motor Driver
A3949SLPTR ALLEGRO-A3949SLPTR Datasheet
240Kb / 7P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_04 Datasheet
226Kb / 8P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_16 Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950 Datasheet
317Kb / 9P
   DMOS Full-Bridge Motor Driver
November 4, 2005
A3949 ALLEGRO-A3949 Datasheet
231Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950_16 Datasheet
705Kb / 13P
   DMOS Full-Bridge Motor Driver
A3949SLBTR ALLEGRO-A3949SLBTR Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com