Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W400DB55ZE6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M29W400DB55ZE6
Description  4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DB55ZE6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M29W400DB55ZE6 Datasheet HTML 3Page - STMicroelectronics M29W400DB55ZE6 Datasheet HTML 4Page - STMicroelectronics M29W400DB55ZE6 Datasheet HTML 5Page - STMicroelectronics M29W400DB55ZE6 Datasheet HTML 6Page - STMicroelectronics M29W400DB55ZE6 Datasheet HTML 7Page - STMicroelectronics M29W400DB55ZE6 Datasheet HTML 8Page - STMicroelectronics M29W400DB55ZE6 Datasheet HTML 9Page - STMicroelectronics M29W400DB55ZE6 Datasheet HTML 10Page - STMicroelectronics M29W400DB55ZE6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
M29W400DT, M29W400DB
Description
7/48
Figure 1.
Logic diagram
Table 1.
Signal names
Signal name
Function
Direction
A0-A17
Address inputs
Inputs
DQ0-DQ7
Data inputs/outputs
I/O
DQ8-DQ14
Data inputs/outputs
I/O
DQ15A–1
Data input/output or Address input
I/O
E
Chip Enable
Input
G
Output Enable
Input
W
Write Enable
Input
RP
Reset/Block Temporary Unprotect
Input
RB
Ready/Busy output
Output
BYTE
Byte/word organization select
Output
VCC
Supply voltage
VSS
Ground
NC
Not connected internally
AI06853
18
A0-A17
W
DQ0-DQ14
VCC
M29W400DT
M29W400DB
E
VSS
15
G
RP
DQ15A–1
BYTE
RB


Similar Part No. - M29W400DB55ZE6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DB55ZE6 STMICROELECTRONICS-M29W400DB55ZE6 Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W400DB55ZE6 NUMONYX-M29W400DB55ZE6 Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DB55ZE6E STMICROELECTRONICS-M29W400DB55ZE6E Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W400DB55ZE6E NUMONYX-M29W400DB55ZE6E Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DB55ZE6F STMICROELECTRONICS-M29W400DB55ZE6F Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29W400DB55ZE6

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Numonyx B.V
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
   Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040_06 Datasheet
414Kb / 53P
   4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
logo
Sharp Corporation
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com