Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9851-1-V-F4-A Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS9851-1-V-F4-A
Description  HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9851-1-V-F4-A Datasheet(HTML) 4 Page - California Eastern Labs

  PS9851-1-V-F4-A Datasheet HTML 1Page - California Eastern Labs PS9851-1-V-F4-A Datasheet HTML 2Page - California Eastern Labs PS9851-1-V-F4-A Datasheet HTML 3Page - California Eastern Labs PS9851-1-V-F4-A Datasheet HTML 4Page - California Eastern Labs PS9851-1-V-F4-A Datasheet HTML 5Page - California Eastern Labs PS9851-1-V-F4-A Datasheet HTML 6Page - California Eastern Labs PS9851-1-V-F4-A Datasheet HTML 7Page - California Eastern Labs PS9851-1-V-F4-A Datasheet HTML 8Page - California Eastern Labs PS9851-1-V-F4-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PS9851-1,-2
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Forward Current
*1
IF
20
mA
Diode
Reverse Voltage
VR
5
V
Supply Voltage
VDD
0 to 5.5
V
Output Voltage
VO
−0.5 to VDD+0.5
V
Detector
Output Current
IO
2
mA
Isolation Voltage
*2
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
−40 to +100
°C
Storage Temperature
Tstg
−55 to +125
°C
*1 Reduced to 0.33 mA/
°C at TA = 85°C or more for PS9851-2.
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.
RECOMMENDED OPERATING CONDITIONS (TA = 25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Forward Current
IF
10
16
mA
Supply Voltage
VDD
4.5
5.0
5.5
V
Data Sheet PN10493EJ02V0DS
4


Similar Part No. - PS9851-1-V-F4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS9851-1-V-F4-A NEC-PS9851-1-V-F4-A Datasheet
91Kb / 10P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9851-1-V-F4-A CEL-PS9851-1-V-F4-A Datasheet
259Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9851-1-V-F4-AX CEL-PS9851-1-V-F4-AX Datasheet
259Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9851-1-V-F4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS9851-1 NEC-PS9851-1 Datasheet
91Kb / 10P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9851-1 RENESAS-PS9851-1_15 Datasheet
278Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9851-1_V1 CEL-PS9851-1_V1 Datasheet
259Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9351L CEL-PS9351L Datasheet
737Kb / 8P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9151 CEL-PS9151 Datasheet
240Kb / 14P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9151 RENESAS-PS9151_15 Datasheet
267Kb / 14P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9351L RENESAS-PS9351L Datasheet
165Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Apr 24, 2015
logo
NEC
PS9611 NEC-PS9611 Datasheet
82Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9611 CEL-PS9611 Datasheet
414Kb / 12P
   HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com