Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST29LE010-250-3I-P Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST29LE010-250-3I-P
Description  1 Megabit (128K x 8) Page Mode EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29LE010-250-3I-P Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST29LE010-250-3I-P Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29LE010-250-3I-P Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29LE010-250-3I-P Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29LE010-250-3I-P Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29LE010-250-3I-P Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29LE010-250-3I-P Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29LE010-250-3I-P Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29LE010-250-3I-P Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29LE010-250-3I-P Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
© 1998 Silicon Storage Technology, Inc.
304-04 12/97
1 Megabit Page Mode EEPROM
SST29EE010, SST29LE010, SST29VE010
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Write Operation Status Detection
The 29EE010/29LE010/29VE010 provide two software
means to detect the completion of a write cycle, in order
to optimize the system write cycle time. The software
detection includes two status bits: Data# Polling (DQ7)
and Toggle Bit (DQ6). The end of write detection mode is
enabled after the rising WE# or CE# whichever occurs
first, which initiates the internal write cycle.
The actual completion of the nonvolatile write is asyn-
chronous with the system; therefore, either a Data#
Polling or Toggle Bit read may be simultaneous with the
completion of the write cycle. If this occurs, the system
may possibly get an erroneous result, i.e., valid data may
appear to conflict with either DQ7 or DQ6. In order to
prevent spurious rejection, if an erroneous result occurs,
the software routine should include a loop to read the
accessed location an additional two (2) times. If both
reads are valid, then the device has completed the write
cycle, otherwise the rejection is valid.
Data# Polling (DQ7)
When the 29EE010/29LE010/29VE010 are in the inter-
nal write cycle, any attempt to read DQ7 of the last byte
loaded during the byte-load cycle will receive the com-
plement of the true data. Once the write cycle is com-
pleted, DQ7 will show true data. The device is then ready
for the next operation. See Figure 6 for Data# Polling
timing diagram and Figure 15 for a flowchart.
Toggle Bit (DQ6)
During the internal write cycle, any consecutive attempts
to read DQ6 will produce alternating 0’s and 1’s, i.e.
toggling between 0 and 1. When the write cycle is
completed, the toggling will stop. The device is then
ready for the next operation. See Figure 7 for Toggle Bit
timing diagram and Figure 15 for a flowchart. The initial
read of the Toggle Bit will typically be a “1”.
Data Protection
The 29EE010/29LE010/29VE010 provide both hard-
ware and software features to protect nonvolatile data
from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than
5 ns will not initiate a write cycle.
VCC Power Up/Down Detection: The write operation is
inhibited when VCC is less than 2.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the write operation. This prevents inad-
vertent writes during power-up or power-down.
Software Data Protection (SDP)
The 29EE010/29LE010/29VE010 provide the JEDEC
approved optional software data protection scheme for
all data alteration operations, i.e., Write and Chip erase.
With this scheme, any write operation requires the inclu-
sion of a series of three byte-load operations to precede
the data loading operation. The three byte-load se-
quence is used to initiate the write cycle, providing
optimal protection from inadvertent write operations,
e.g., during the system power-up or power-down. The
29EE010/29LE010/29VE010 are shipped with the soft-
ware data protection disabled.
The software protection scheme can be enabled by
applying a three-byte sequence to the device, during a
page-load cycle (Figures 4 and 5). The device will then
be automatically set into the data protect mode. Any
subsequent write operation will require the preceding
three-byte sequence. See Table 4 for the specific soft-
ware command codes and Figures 4 and 5 for the timing
diagrams. To set the device into the unprotected mode,
a six-byte sequence is required. See Table 4 for the
specific codes and Figure 8 for the timing diagram. If a
write is attempted while SDP is enabled the device will be
in a non-accessible state for ~ 300 µs. SST recommends
Software Data Protection always be enabled. See Figure
16 for flowcharts.
The 29EE010/29LE010/29VE010 Software Data Pro-
tection is a global command, protecting (or unprotecting)
all pages in the entire memory array once enabled (or
disabled). Therefore using SDP for a single page write
will enable SDP for the entire array. Single pages by
themselves cannot be SDP enabled or disabled.


Similar Part No. - SST29LE010-250-3I-P

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29LE010-250-4C-EH SST-SST29LE010-250-4C-EH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29LE010-250-4C-EH SST-SST29LE010-250-4C-EH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29LE010-250-4C-NH SST-SST29LE010-250-4C-NH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29LE010-250-4C-NH SST-SST29LE010-250-4C-NH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29LE010-250-4C-PH SST-SST29LE010-250-4C-PH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
More results

Similar Description - SST29LE010-250-3I-P

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com