Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6443AIRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6443AIRZ
Description  300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6443AIRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6443AIRZ Datasheet HTML 1Page - Intersil Corporation ISL6443AIRZ Datasheet HTML 2Page - Intersil Corporation ISL6443AIRZ Datasheet HTML 3Page - Intersil Corporation ISL6443AIRZ Datasheet HTML 4Page - Intersil Corporation ISL6443AIRZ Datasheet HTML 5Page - Intersil Corporation ISL6443AIRZ Datasheet HTML 6Page - Intersil Corporation ISL6443AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6443AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6443AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN6600.1
December 7, 2007
Typical Application Schematic
+
PGOOD
+12V
UGATE2
PHASE2
ISL6443A
+
C1
R5
C10
20
23
1
25
3
15
13
LGATE2
16
11
ISEN2 R4
18
C8
BOOT2
VIN
2
D2
22
14
C5
R6
6
24
GATE3
OCSET2
FB1
UGATE1
PHASE1
+
C9
PGND
LGATE1
ISEN1
R3
C7
BOOT1
D1
R2
SYNC
OCSET1
VCC_5V
4
7
R8
5
SD2
21
26
28
27
10
L2
FB3
12
SS1
SS2
8
SGND
17
C4
Q1
VOUT1
R1
Q2
FB2
SGND
VOUT2
Q3
R10
R11
C12
VOUT3
SD1
R7
+2.5V, 500mA
+3.3V, 2A
+3.3V
C3
C6
L1
C2
+1.2V, 2A
(SEE NOTE)
19
R12
C11
SGND
9
VCC_5V
R9
VOUT2
56µF
BAT54HT1
BAT54HT1
120k
120k
6.4µH
6.4µH
FDS6990S
FDS6990S
10k
10k
31.6k
1.4k
1.4k
10k
4.99k
0.1µF
1µF
0.1µF
4.7µF
0.1µF
21.5k
10k
10µF
IRF7404
330µF
PGOOD
1µF
0.1µF
0.01µF
100
330µF
NOTE: Pin numbers correspond to the QFN pinout.
ISL6443A


Similar Part No. - ISL6443AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6443AIRZ RENESAS-ISL6443AIRZ Datasheet
944Kb / 20P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results

Similar Description - ISL6443AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
   300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443 INTERSIL-ISL6443 Datasheet
397Kb / 18P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com