Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLFGE68DG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLFGE68DG
Description  LED Lamps for mounting on through-hole PCB using an automatic insertion machine
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLFGE68DG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLFGE68DG Datasheet HTML 1Page - Toshiba Semiconductor TLFGE68DG Datasheet HTML 2Page - Toshiba Semiconductor TLFGE68DG Datasheet HTML 3Page - Toshiba Semiconductor TLFGE68DG Datasheet HTML 4Page - Toshiba Semiconductor TLFGE68DG Datasheet HTML 5Page - Toshiba Semiconductor TLFGE68DG Datasheet HTML 6Page - Toshiba Semiconductor TLFGE68DG Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLRME68DG(F),TLYE68DG(F),TLGE68DG(F),TLFGE68DG(F)
2007-10-01
3
TLRME68DG(F)
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
1.6
50
30
10
3
1
5
100
Ta
= 25°C
1.7
1.8
1.9
2.0
2.1
2.2
2.3
10
1
100
1000
100
Ta
= 25°C
10
1
20
−20
80
0.1
3
1
0.3
0.5
0
40
60
5
10
700
0.8
0
0.6
1.0
0.2
0.4
IF = 20 mA
Ta
= 25°C
680
660
640
620
600
580
0
60
0
40
80
20
120
20
40
60
80
100
Ambient temperature Ta (°C)
IF – Ta
Radiation pattern
Ta
= 25°C
Forward voltage VF (V)
Forward current IF (mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Relative luminous intensity – Wavelength
IF – VF


Similar Part No. - TLFGE68DG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLFGE68CG TOSHIBA-TLFGE68CG Datasheet
266Kb / 7P
   LED Lamps for mounting on through-hole PCB using an automatic insertion machine
TLFGE68CGF TOSHIBA-TLFGE68CGF Datasheet
266Kb / 7P
   LED Lamps for mounting on through-hole PCB using an automatic insertion machine
More results

Similar Description - TLFGE68DG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRME68CG TOSHIBA-TLRME68CG Datasheet
266Kb / 7P
   LED Lamps for mounting on through-hole PCB using an automatic insertion machine
TLSU268G TOSHIBA-TLSU268G_07 Datasheet
266Kb / 7P
   LED Lamps for mounting on through-hole PCB using an automatic insertion machine
logo
Ohmite Mfg. Co.
RES-EY OHMITE-RES-EY Datasheet
467Kb / 2P
   Suitable for automatic machine insertion
logo
Nichicon corporation
ULV NICHICON-ULV Datasheet
231Kb / 2P
   Applicable to automatic mounting machine using carrier tape.
logo
Ohmite Mfg. Co.
E-SERIES OHMITE-E-SERIES Datasheet
275Kb / 1P
   Vertical through-hole PCB mounting
RES-FCSL OHMITE-RES-FCSL Datasheet
526Kb / 2P
   Designed for automatic insertion
EX-SERIES OHMITE-EX-SERIES Datasheet
426Kb / 2P
   Vertical through-hole PCB mounting
SINK-E OHMITE-SINK-E Datasheet
711Kb / 2P
   Vertical through-hole PCB mounting
logo
Rohm
2SB1339 ROHM-2SB1339 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Ohmite Mfg. Co.
RES-HVF OHMITE-RES-HVF Datasheet
404Kb / 2P
   Designed for automatic insertion
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com