Electronic Components Datasheet Search |
|
QM800HA-2HB Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor |
|
QM800HA-2HB Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor |
2 / 4 page Feb.1999 MITSUBISHI TRANSISTOR MODULES QM800HA-2HB HIGH POWER SWITCHING USE INSULATED TYPE ABSOLUTE MAXIMUM RATINGS (Tj=25 °C, unless otherwise noted) Symbol VCEX (SUS) VCEX VCBO VEBO IC –IC PC IB –ICSM Tj Tstg Viso — — Parameter Collector-emitter voltage Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Collector reverse current Collector dissipation Base current Surge collector reverse current (forward diode current) Junction temperature Storage temperature Isolation voltage Mounting torque Weight Conditions IC=1A, VEB=2V VEB=2V Emitter open Collector open DC DC (forward diode current) TC=25 °C DC Peak value of one cycle of 60Hz (half wave) Charged part to case, AC for 1 minute Main terminal screw M8 Mounting screw M6 B(E) terminal screw M4 BX terminal screw M4 Typical value Ratings 1000 1000 1000 7 800 800 5300 40 8000 –40~+150 –40~+125 2500 8.83~10.8 90~110 1.96~2.94 20~30 0.98~1.47 12~18 0.98~1.47 12~18 2100 Unit V V V V A A W A A °C °C V N·m kg·cm N·m kg·cm N·m kg·cm N·m kg·cm g ELECTRICAL CHARACTERISTICS (Tj=25 °C, unless otherwise noted) Unit mA mA mA V V V — µs µs µs °C/W °C/W °C/W Limits Min. — — — — — — 750 — — — — — — Symbol ICEX ICBO IEBO VCE (sat) VBE (sat) –VCEO hFE ton ts tf Rth (j-c) Q Rth (j-c) R Rth (c-f) Parameter Collector cutoff current Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage Base-emitter saturation voltage Collector-emitter reverse voltage DC current gain Switching time Thermal resistance (junction to case) Contact thermal resistance (case to fin) Test conditions VCE=1000V, VEB=2V VCB=1000V, Emitter open VEB=7V, Collector open IC=800A, IB=1.06A IC=–800A (diode forward voltage) IC=800A, VCE=4.0V VCC=600V, IC=800A, IB1=1.6A, –IB2=16.0A Transistor part Diode part Conductive grease applied Typ. — — — — — — — — — — — — — Max. 8.0 8.0 600 4.0 4.2 1.8 — 2.5 20 5.0 0.023 0.12 0.01 |
Similar Part No. - QM800HA-2HB |
|
Similar Description - QM800HA-2HB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |