Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLPGF1060 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLPGF1060
Description  Panel Circuit Indicator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPGF1060 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLPGF1060 Datasheet HTML 1Page - Toshiba Semiconductor TLPGF1060 Datasheet HTML 2Page - Toshiba Semiconductor TLPGF1060 Datasheet HTML 3Page - Toshiba Semiconductor TLPGF1060 Datasheet HTML 4Page - Toshiba Semiconductor TLPGF1060 Datasheet HTML 5Page - Toshiba Semiconductor TLPGF1060 Datasheet HTML 6Page - Toshiba Semiconductor TLPGF1060 Datasheet HTML 7Page - Toshiba Semiconductor TLPGF1060 Datasheet HTML 8Page - Toshiba Semiconductor TLPGF1060 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TL(RF,SF,OF,YF,PYF,GF,FGF,PGF)1060(T18)
2006-05-30
1
TOSHIBA LED Lamps
TLRF1060(T18), TLSF1060(T18), TLOF1060(T18),
TLYF1060(T18), TLPYF1060(T18), TLGF1060(T18),
TLFGF1060(T18), TLPGF1060(T18)
Panel Circuit Indicator
• Surface-mount devices
• 2.2 (L) × 1.4 (W) × 1.3 (H) mm
• Flat-top type
• InGaAℓP LEDs
• High luminous intensity
• Low drive current, high-intensity light emission
• Colors: red, orange, yellow, green, pure green
• Pb free reflow soldering is possible
• Applications: automotive use, message signboards, backlighting
etc.
• Standard embossed tape packing: T18 (3000/reel)
8-mm tape reel
Color and Material
Unit: mm
JEDEC
JEITA
TOSHIBA
4-2F1
Weight: 0.01 g (typ.)
Product Name
Color
Material
TLRF1060
Red
TLSF1060
Red
TLOF1060
Orange
TLYF1060
Yellow
TLPYF1060
Yellow
TLGF1060
Green
TLFGF1060
Green
TLPGF1060
Pure Green
InGaAℓP


Similar Part No. - TLPGF1060

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLPG1002 TOSHIBA-TLPG1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
logo
Vishay Siliconix
TLPG5600 VISHAY-TLPG5600 Datasheet
301Kb / 9P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
TLPG5600 VISHAY-TLPG5600 Datasheet
271Kb / 10P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.7, 31-Aug-04
TLPG5600 VISHAY-TLPG5600 Datasheet
148Kb / 10P
   Sideview LED, 5 mm Tinted Diffused
Rev. 1.9, 13-Sep-07
logo
HK TO-GRACE TECHNOLOGY ...
TLPG5600 TO-GRACE-TLPG5600 Datasheet
1Mb / 11P
   Sideview LED, 횠 5 mm Tinted Diffused Package
More results

Similar Description - TLPGF1060

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com