Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCH4T245D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVCH4T245D
Description  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH4T245D Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AVCH4T245D Datasheet HTML 6Page - Texas Instruments SN74AVCH4T245D Datasheet HTML 7Page - Texas Instruments SN74AVCH4T245D Datasheet HTML 8Page - Texas Instruments SN74AVCH4T245D Datasheet HTML 9Page - Texas Instruments SN74AVCH4T245D Datasheet HTML 10Page - Texas Instruments SN74AVCH4T245D Datasheet HTML 11Page - Texas Instruments SN74AVCH4T245D Datasheet HTML 12Page - Texas Instruments SN74AVCH4T245D Datasheet HTML 13Page - Texas Instruments SN74AVCH4T245D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
2
× VCCO
Open
GND
RL
RL
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCCO
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
VCCA/2
VCCA/2
VCCI/2
VCCI/2
VCCI
0 V
VCCO/2
VCCO/2
VOH
VOL
0 V
VCCO/2
VOL + VTP
VCCO/2
VOH − VTP
0 V
VCCI
0 V
VCCI/2
VCCI/2
tw
Input
VCCA
VCCO
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCCO
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRRv10 MHz, ZO = 50 Ω, dv/dt ≥ 1 V/ns,
dv/dt
≥1 V/ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. VCCI is the VCC associated with the input port.
I. VCCO is the VCC associated with the output port.
1.2 V
1.5 V
± 0.1 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
2 k
2 k
2 k
2 k
2 k
VCCO
RL
0.1 V
0.1 V
0.15 V
0.15 V
0.3 V
VTP
CL
15 pF
15 pF
15 pF
15 pF
15 pF
SN74AVCH4T245
4-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES577D – JUNE 2004 – REVISED JUNE 2007
Figure 1. Load Circuit and Voltage Waveforms
10
Submit Documentation Feedback


Similar Part No. - SN74AVCH4T245D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH4T245D TI-SN74AVCH4T245D Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245D TI-SN74AVCH4T245D Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245D TI-SN74AVCH4T245D Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245D TI-SN74AVCH4T245D Datasheet
650Kb / 20P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245D TI1-SN74AVCH4T245D Datasheet
1Mb / 37P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver
More results

Similar Description - SN74AVCH4T245D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com