Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT16245 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT16245
Description  16-BIT FET BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16245 Datasheet(HTML) 4 Page - Texas Instruments

  SN74CBT16245 Datasheet HTML 1Page - Texas Instruments SN74CBT16245 Datasheet HTML 2Page - Texas Instruments SN74CBT16245 Datasheet HTML 3Page - Texas Instruments SN74CBT16245 Datasheet HTML 4Page - Texas Instruments SN74CBT16245 Datasheet HTML 5Page - Texas Instruments SN74CBT16245 Datasheet HTML 6Page - Texas Instruments SN74CBT16245 Datasheet HTML 7Page - Texas Instruments SN74CBT16245 Datasheet HTML 8Page - Texas Instruments SN74CBT16245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN74CBT16245
16-BIT FET BUS SWITCH
SCDS070C – JULY 1998 – REVISED OCTOBER 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
500
tPLH
tPHL
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
VOH
VOL
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
0 V
Input
3 V
3.5 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74CBT16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16245 TI-SN74CBT16245 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI1-SN74CBT16245 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245C TI1-SN74CBT16245C Datasheet
374Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results

Similar Description - SN74CBT16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245_06 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI1-SN74CBT16245_09 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CB3Q16244 TI1-SN74CB3Q16244_15 Datasheet
779Kb / 21P
[Old version datasheet]   16-Bit FET Bus Switch
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Integrated Device Techn...
IDT74FST163245 IDT-IDT74FST163245 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
   16-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com