Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT16245DLR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT16245DLR
Description  16-BIT FET BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16245DLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74CBT16245DLR Datasheet HTML 3Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 4Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 5Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 6Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 7Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 8Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 9Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 10Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SN74CBT16245DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16245DLR TI-SN74CBT16245DLR Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245DLR TI1-SN74CBT16245DLR Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245DLRG4 TI-SN74CBT16245DLRG4 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245DLRG4 TI1-SN74CBT16245DLRG4 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
More results

Similar Description - SN74CBT16245DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245_06 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI1-SN74CBT16245_09 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CB3Q16244 TI1-SN74CB3Q16244_15 Datasheet
779Kb / 21P
[Old version datasheet]   16-Bit FET Bus Switch
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Integrated Device Techn...
IDT74FST163245 IDT-IDT74FST163245 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
   16-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com