Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLOE28CF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLOE28CF
Description  Panel Circuit Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOE28CF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLOE28CF Datasheet HTML 1Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 2Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 3Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 4Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 5Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 6Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 7Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 8Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TL(RE,RME,SE,OE,YE,GE)28C(F)
2007-10-01
3
TLRE28C(F)
Relative luminous intensity – Wavelength
Wavelength
λ (nm)
1.0
0
580
0.8
0.6
0.4
0.2
600
620
640
660
680
700
IF = 20mA
Ta = 25 °C
IF – VF
Forward voltage VF (V)
1
100
1.6
50
30
10
5
3
1.7
1.8
1.9
2.0
2.1
2.2
2.3
Ta = 25 °C
IV – Tc
Case temperature Tc (°C)
80
60
40
20
0
−20
10
0.1
1
0.5
0.3
3
5
IV – IF
Forward current IF (mA)
3000
10
1
1000
100
10
100
Ta = 25 °C
IF – Ta
Ambient temperature Ta (°C)
80
0
0
60
40
20
20
40
60
80
100
120
Radiation pattern


Similar Part No. - TLOE28CF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOE20T TOSHIBA-TLOE20T Datasheet
205Kb / 8P
   Panel Circuit Indicator
TLOE20TP TOSHIBA-TLOE20TP Datasheet
271Kb / 8P
   Panel Circuit Indicator
TLOE20TP TOSHIBA-TLOE20TP Datasheet
247Kb / 9P
   Panel Circuit Indicator
TLOE20TPF TOSHIBA-TLOE20TPF Datasheet
271Kb / 8P
   Panel Circuit Indicator
TLOE20TPF TOSHIBA-TLOE20TPF Datasheet
247Kb / 9P
   Panel Circuit Indicator
More results

Similar Description - TLOE28CF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com