Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCH4T245DRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AVCH4T245DRE4
Description  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH4T245DRE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AVCH4T245DRE4 Datasheet HTML 1Page - Texas Instruments SN74AVCH4T245DRE4 Datasheet HTML 2Page - Texas Instruments SN74AVCH4T245DRE4 Datasheet HTML 3Page - Texas Instruments SN74AVCH4T245DRE4 Datasheet HTML 4Page - Texas Instruments SN74AVCH4T245DRE4 Datasheet HTML 5Page - Texas Instruments SN74AVCH4T245DRE4 Datasheet HTML 6Page - Texas Instruments SN74AVCH4T245DRE4 Datasheet HTML 7Page - Texas Instruments SN74AVCH4T245DRE4 Datasheet HTML 8Page - Texas Instruments SN74AVCH4T245DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
Recommended Operating Conditions
(1) (2) (3) (4) (5)
SN74AVCH4T245
4-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES577D – JUNE 2004 – REVISED JUNE 2007
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.2
3.6
V
VCCB
Supply voltage
1.2
3.6
V
1.2 V to 1.95 V
VCCI × 0.65
High-level
VIH
Data inputs(4)
1.95 V to 2.7 V
1.6
V
input voltage
2.7 V to 3.6 V
2
1.2 V to 1.95 V
VCCI × 0.35
Low-level
VIL
Data inputs(4)
1.95 V to 2.7 V
0.7
V
input voltage
2.7 V to 3.6 V
0.8
1.2 V to 1.95 V
VCCA × 0.65
High-level
DIR
VIH
1.95 V to 2.7 V
1.6
V
input voltage
(referenced to VCCA)
(5)
2.7 V to 3.6 V
2
1.2 V to 1.95 V
VCCA × 0.35
Low-level
DIR
VIL
1.95 V to 2.7 V
0.7
V
input voltage
(referenced to VCCA)
(5)
2.7 V to 3.6 V
0.8
VI
Input voltage
0
3.6
V
Active state
0
VCCO
VO
Output voltage
V
3-state
0
3.6
1.2 V
–3
1.4 V to 1.6 V
–6
IOH
High-level output current
1.65 V to 1.95 V
–8
mA
2.3 V to 2.7 V
–9
3 V to 3.6 V
–12
1.2 V
3
1.4 V to 1.6 V
6
IOL
Low-level output current
1.65 V to 1.95 V
8
mA
2.3 V to 2.7 V
9
3 V to 3.6 V
12
Δt/Δv
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(4)
For VCCI values not specified in the data sheet, VIH min = VCCI × 0.7 V, VIL max = VCCI × 0.3 V.
(5)
For VCCA values not specified in the data sheet, VIH min = VCCA × 0.7 V, VIL max = VCCA × 0.3 V.
4
Submit Documentation Feedback


Similar Part No. - SN74AVCH4T245DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH4T245DRE4 TI-SN74AVCH4T245DRE4 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245DRE4 TI-SN74AVCH4T245DRE4 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245DRE4 TI-SN74AVCH4T245DRE4 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245DRE4 TI-SN74AVCH4T245DRE4 Datasheet
650Kb / 20P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVCH4T245DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com