Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLN119 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLN119
Description  Infrared LED GaAs Infrared Emitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN119 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLN119_07 Datasheet HTML 1Page - Toshiba Semiconductor TLN119_07 Datasheet HTML 2Page - Toshiba Semiconductor TLN119_07 Datasheet HTML 3Page - Toshiba Semiconductor TLN119_07 Datasheet HTML 4Page - Toshiba Semiconductor TLN119_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLN119(F)
2007-10-01
4
Wavelength Characteristic
(typ.)
Wavelength λ (nm)
1.0
0
820
0.8
0.6
0.4
0.2
860
900
940
980
1020
1060
IF = 20mA
Ta = 25°C
Forward current IF (mA)
IE – IF
(typ.)
3
5
10
100
0.5
0.3
5
0.1
1
1
3
30
50
50
30
10
Ta = 25°C
Sample 2
Sample 1
Sample 3
0
0.2
0.4
0.6
0.8
1.0
10°
20°
30°
40°
50°
60°
70°
80°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
Radiation Pattern
(typ.)
(Ta = 25°C)
Relative intensity


Similar Part No. - TLN119_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN119 TOSHIBA-TLN119 Datasheet
224Kb / 5P
   PRINTERS,FAX MACHINES FLOPPY DISK DRIVE HOME ELECTRIC EQUIPMENT.
More results

Similar Description - TLN119_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN110 TOSHIBA-TLN110_07 Datasheet
198Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN110 TOSHIBA-TLN110 Datasheet
288Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN105B TOSHIBA-TLN105B_07 Datasheet
200Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN115A TOSHIBA-TLN115A_07 Datasheet
203Kb / 6P
   Infrared LED GaAs Infrared Emitter
TLN107A TOSHIBA-TLN107A Datasheet
185Kb / 4P
   INFRARED LED GaAS INFRARED EMITTER
TLN102 TOSHIBA-TLN102 Datasheet
250Kb / 5P
   TOSHIBA INFRARED LED GaAs INFRARED EMITTER
TLN105B TOSHIBA-TLN105B Datasheet
291Kb / 6P
   TOSHIBA INFRARED LED GAAS INFRARED EMITTER
TLN117 TOSHIBA-TLN117_07 Datasheet
211Kb / 5P
   INFRARED LED GAAS INFRAED EMITTER
logo
Marktech Corporate
MTE1100 MARKTECH-MTE1100 Datasheet
78Kb / 2P
   GaAs INFRARED EMITTER INFRARED LED FOR PHOTO SENSOR
logo
Siemens Semiconductor G...
SFH401 SIEMENS-SFH401 Datasheet
94Kb / 2P
   GaAs INFRARED EMITTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com