Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLN119 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLN119
Description  Infrared LED GaAs Infrared Emitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN119 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLN119 Datasheet HTML 1Page - Toshiba Semiconductor TLN119 Datasheet HTML 2Page - Toshiba Semiconductor TLN119 Datasheet HTML 3Page - Toshiba Semiconductor TLN119 Datasheet HTML 4Page - Toshiba Semiconductor TLN119 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLN119(F)
2007-10-01
1
TOSHIBA Infrared LED GaAs Infrared Emitter
TLN119(F)
Lead(Pb)-Free
Printers, Fax Machines
Home Electric Equipment
Opto−Electronic Switches
• φ3.1mm plastic package
• Radiant intensity: IE = 5mW / sr (typ.)
• Harf−angle value: θ1 / 2 = ±30°(typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
60
mA
Forward current derating
(Ta > 25°C)
ΔIF / °C
−0.8
mA / °C
Pulse forward current
(Note 1)
IFP
600
mA
Reverse voltage
VR
5
V
Operating temperature range
Topr
−25~85
°C
Storage temperature range
Tstg
−30~100
°C
Soldering temperature (3 s)
Tsol
(Note 2)
260
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Note 1: Pulse width ≦ 100μs, repetitive frequency = 100Hz
Note 2: Soldering must be performed 2mm from the bottom of the package body.
Optical And Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VR
IF = 10 mA
1.00
1.15
1.30
V
Reverse current
IR
VR = 5 V
10
μA
TLN119 (F)
2.5
5.0
10.0
Radiant intensity
IE
IF = 20 mA
TLN119 (B,F)
4.2
10.0
mW / sr
Radiant power
PO
IF = 20 mA
4.5
mW
Peak emission wavelength
λP
IF = 20 mA
945
nm
Spectral line half width
Δλ
IF = 20 mA
50
nm
Half value angle
θ
2
1
IF = 20 mA
±30
°
Unit: mm
TOSHIBA
4−4E1
Weight: 0.12 g (typ.)
Pin Connection
1. Anode
2. Cathode
12


Similar Part No. - TLN119

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN119 TOSHIBA-TLN119 Datasheet
224Kb / 5P
   PRINTERS,FAX MACHINES FLOPPY DISK DRIVE HOME ELECTRIC EQUIPMENT.
More results

Similar Description - TLN119

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN110 TOSHIBA-TLN110_07 Datasheet
198Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN110 TOSHIBA-TLN110 Datasheet
288Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN105B TOSHIBA-TLN105B_07 Datasheet
200Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN115A TOSHIBA-TLN115A_07 Datasheet
203Kb / 6P
   Infrared LED GaAs Infrared Emitter
TLN107A TOSHIBA-TLN107A Datasheet
185Kb / 4P
   INFRARED LED GaAS INFRARED EMITTER
TLN102 TOSHIBA-TLN102 Datasheet
250Kb / 5P
   TOSHIBA INFRARED LED GaAs INFRARED EMITTER
TLN105B TOSHIBA-TLN105B Datasheet
291Kb / 6P
   TOSHIBA INFRARED LED GAAS INFRARED EMITTER
TLN117 TOSHIBA-TLN117_07 Datasheet
211Kb / 5P
   INFRARED LED GAAS INFRAED EMITTER
logo
Marktech Corporate
MTE1100 MARKTECH-MTE1100 Datasheet
78Kb / 2P
   GaAs INFRARED EMITTER INFRARED LED FOR PHOTO SENSOR
logo
Siemens Semiconductor G...
SFH401 SIEMENS-SFH401 Datasheet
94Kb / 2P
   GaAs INFRARED EMITTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com