Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC4020PWTE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC4020PWTE4
Description  14-BIT ASYNCHRONOUS BINARY COUNTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4020PWTE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC4020PWTE4 Datasheet HTML 1Page - Texas Instruments SN74HC4020PWTE4 Datasheet HTML 2Page - Texas Instruments SN74HC4020PWTE4 Datasheet HTML 3Page - Texas Instruments SN74HC4020PWTE4 Datasheet HTML 4Page - Texas Instruments SN74HC4020PWTE4 Datasheet HTML 5Page - Texas Instruments SN74HC4020PWTE4 Datasheet HTML 6Page - Texas Instruments SN74HC4020PWTE4 Datasheet HTML 7Page - Texas Instruments SN74HC4020PWTE4 Datasheet HTML 8Page - Texas Instruments SN74HC4020PWTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54HC4020, SN74HC4020
14BIT ASYNCHRONOUS BINARY COUNTERS
SCLS158E − DECEMBER 1982 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 12 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
SN54HC4020 ...J OR W PACKAGE
SN74HC4020 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54HC4020 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
QL
QM
QN
QF
QE
QG
QD
GND
VCC
QK
QJ
QH
QI
CLR
CLK
QA
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
QJ
QH
NC
QI
CLR
QN
QF
NC
QE
QG
description/ordering information
The ’HC4020 devices are 14-stage binary ripple-carry counters that advance on the negative-going edge of the
clock pulse. The counters are reset to zero (all outputs low) independently of the clock (CLK) input when the
clear (CLR) input goes high.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC4020N
SN74HC4020N
Tube of 40
SN74HC4020D
SOIC − D
Reel of 2500
SN74HC4020DR
HC4020
SOIC − D
Reel of 250
SN74HC4020DT
HC4020
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC4020NSR
HC4020
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74HC4020DBR
HC4020
Tube of 90
SN74HC4020PW
TSSOP − PW
Reel of 2000
SN74HC4020PWR
HC4020
TSSOP − PW
Reel of 250
SN74HC4020PWT
HC4020
CDIP − J
Tube of 25
SNJ54HC4020J
SNJ54HC4020J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC4020W
SNJ54HC4020W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC4020FK
SNJ54HC4020FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC4020PWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4020PWTE4 TI-SN74HC4020PWTE4 Datasheet
540Kb / 16P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
More results

Similar Description - SN74HC4020PWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC4020 TI-SN54HC4020 Datasheet
540Kb / 16P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
logo
Unisonic Technologies
U74HC4060 UTC-U74HC4060_15 Datasheet
209Kb / 6P
   14-STAGE ASYNCHRONOUS BINARY COUNTERS
logo
Texas Instruments
SN54HC4024 TI1-SN54HC4024_13 Datasheet
318Kb / 10P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54HC4024 TI-SN54HC4024 Datasheet
102Kb / 5P
[Old version datasheet]   ASYNCHRONOUS 7-BIT BINARY COUNTERS
SN54LV4040A TI-SN54LV4040A Datasheet
526Kb / 17P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4040 TI-SN54HC4040_07 Datasheet
752Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54LV4040A TI-SN54LV4040A_07 Datasheet
795Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4040 TI-SN54HC4040 Datasheet
601Kb / 17P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN74LV4040A-EP TI1-SN74LV4040A-EP Datasheet
538Kb / 12P
[Old version datasheet]   12 BIT ASYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com