Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3280E Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL3280E
Description  짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3280E Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL3280E Datasheet HTML 7Page - Intersil Corporation ISL3280E Datasheet HTML 8Page - Intersil Corporation ISL3280E Datasheet HTML 9Page - Intersil Corporation ISL3280E Datasheet HTML 10Page - Intersil Corporation ISL3280E Datasheet HTML 11Page - Intersil Corporation ISL3280E Datasheet HTML 12Page - Intersil Corporation ISL3280E Datasheet HTML 13Page - Intersil Corporation ISL3280E Datasheet HTML 14Page - Intersil Corporation ISL3280E Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6543.2
October 18, 2007
FIGURE 6. RECEIVER OUTPUT CURRENT vs RECEIVER
OUTPUT VOLTAGE
FIGURE 7. RECEIVER OUTPUT CURRENT vs RECEIVER
OUTPUT VOLTAGE
FIGURE 8. RECEIVER OUTPUT CURRENT vs RECEIVER
OUTPUT VOLTAGE
FIGURE 9. RECEIVER OUTPUT CURRENT vs RECEIVER
OUTPUT VOLTAGE
FIGURE 10. RECEIVER OUTPUT CURRENT vs RECEIVER
OUTPUT VOLTAGE
FIGURE 11. RECEIVER PROPAGATION DELAY vs
TEMPERATURE
Typical Performance Curves CL = 15pF, TA = +25°C; Unless Otherwise Specified. (Continued)
RECEIVER OUTPUT VOLTAGE (V)
03
4
5
2
1
0
10
20
30
40
50
60
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = VL = 5V
VOH, +125°C
VOL, +125°C
VOH, +85°C
0
5
10
30
0
0.5
1.0
1.5
2.0
2.5
3.0 3.3
RECEIVER OUTPUT VOLTAGE (V)
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = 5V OR 3.3V, VL = 3.3V
VOH, +125°C
VOL, +125°C
VOH, +85°C
20
15
25
0
0.5
1.0
1.5
2.0
2.5
RECEIVER OUTPUT VOLTAGE (V)
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = 5V OR 3.3V, VL = 2.5V
VOH, +125°C
VOL, +125°C
VOH, +85°C
0
2
4
6
8
10
12
14
16
18
20
0
1
8
9
0
0.5
1.0
1.5
1.8
RECEIVER OUTPUT VOLTAGE (V)
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = 5V OR 3.3V, VL = 1.8V
VOH, +125°C
VOL, +125°C
VOH, +85°C
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4 1.5
RECEIVER OUTPUT VOLTAGE (V)
VOH, +25°C
VOL, +25°C
VOL, +85°C
VCC = 5V or 3.3V, VL = 1.5V
VOH, +125°C
VOL, +125°C
VOH, +85°C
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40
-15
10
35
60
85
110 125
TEMPERATURE (°C)
VCC = 5V
30
35
40
45
50
55
VL = 2.5V
VL = 1.8V
VL = 1.5V
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E


Similar Part No. - ISL3280E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3280E INTERSIL-ISL3280E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3280E INTERSIL-ISL3280E Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
   Clock distribution
logo
Intersil Corporation
ISL3280E-84E INTERSIL-ISL3280E-84E Datasheet
496Kb / 3P
   Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver
More results

Similar Description - ISL3280E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com