Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3282E Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL3282E
Description  짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3282E Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL3282E Datasheet HTML 2Page - Intersil Corporation ISL3282E Datasheet HTML 3Page - Intersil Corporation ISL3282E Datasheet HTML 4Page - Intersil Corporation ISL3282E Datasheet HTML 5Page - Intersil Corporation ISL3282E Datasheet HTML 6Page - Intersil Corporation ISL3282E Datasheet HTML 7Page - Intersil Corporation ISL3282E Datasheet HTML 8Page - Intersil Corporation ISL3282E Datasheet HTML 9Page - Intersil Corporation ISL3282E Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6543.2
October 18, 2007
Absolute Maximum Ratings
Thermal Information
VCC to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
VL to GND (ISL3282E, ISL3284E, ISL3285E Only). . -0.3V to (VCC
+0.3V)
Input Voltages
RE, RE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input/Output Voltages
A, B. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -8V to +13V
RO (Not ISL3282E, ISL3284E, ISL3285E). . -0.3V to (VCC +0.3V)
RO (ISL3282E, ISL3284E, ISL3285E) . . . . . . -0.3V to (VL +0.3V)
Short Circuit Duration
RO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Thermal Resistance (Typical)
θ
JA (°C/W)
θ
JC (°C/W)
5 Ld SOT-23 Package (Note 4) . . . . . .
190
N/A
6 Ld SOT-23 Package (Note 4) . . . . . .
177
N/A
8 Ld TDFN Package (Notes 5, 6). . . . .
65
8
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range
F Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
I Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Test Conditions: VCC = 3.0V to 5.5V; VL = VCC (ISL3282E, ISL3284E, ISL3285E only); Typicals are at
TA = +25°C (Note 11); Unless Otherwise Specified (Note 7).
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 10)
TYP
(Note 11)
MAX
(Note 10) UNITS
DC CHARACTERISTICS
Input High Voltage (RE, RE)
(Notes 8, 9)
VIH1
VL = VCC if ISL3282E, or
ISL3285E
VCC ≤ 3.6V
Full
2
-
-
V
VIH2
VCC ≤ 5.5V
Full
2.4
-
-
V
VIH3
2.7V
≤ VL < 3.0V
ISL3282E and
ISL3285E Only
Full
1.7
-
-
V
VIH4
2.3V
≤ V
L < 2.7V
Full
1.6
-
-
V
VIH5
1.6V
≤ VL < 2.3V
Full
0.72*VL
--
V
VIH6
1.35V
≤ VL < 1.6V
25
-
0.5*VL
-V
Input Low Voltage (RE, RE)
(Notes 8, 9)
VIL1
VL = VCC if ISL3282E or ISL3285E
Full
-
-
0.7
V
VIL2
VL ≥ 2.7V
ISL3282E and
ISL3285E Only
Full
-
-
0.7
V
VIL3
2.3V
≤ VL < 2.7V
Full
-
-
0.6
V
VIL4
1.6V
≤ V
L < 2.3V
Full
-
-
0.25*VL
V
VIL5
1.35V
≤ VL < 1.6V
25
-
0.33*VL
-V
Logic Input Current (Note 8)
IIN1
RE = RE = 0V or VCC
Full
-15
±9
15
µA
Input Current (A, B)
IIN2
VCC = 0V, 3.6V, or 5.5V
VIN = 12V
Full
-
80
125
µA
VIN = -7V
Full
-100
-50
-
µA
Receiver Differential
Threshold Voltage
VTH
-7V
≤ VCM ≤ 12V
Full
-200
-125
-50
mV
Receiver Input Hysteresis
ΔVTH
VCM = 0V
25
-
15
-
mV
Receiver Input Resistance
RIN
-7V
≤ V
CM ≤ 12V
Full
-
150
-
k
Ω
Receiver Short-Circuit Current
IOSR
0V
≤ VO ≤ VCC
Full
±7
±30
±85
mA
Receiver Output High Voltage
VOH1
IO = -3.5mA, VID = -50mV (VL = VCC if ISL3282E,
ISL3284E, ISL3285E)
Full
VCC - 0.4
-
-
V
VOH2
IO = -1mA, VL ≥ 1.6V
ISL3282E,
ISL3284E, and
ISL3285E Only
Full
VL - 0.4
-
-
V
VOH3
IO = -500µA, VL = 1.5V
Full
1.2
-
-
V
VOH4
IO = -150µA, VL = 1.35V
Full
1.15
-
-
V
VOH5
IO = -100µA, VL ≥ 1.35V
Full
VL - 0.1
-
-
V
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E


Similar Part No. - ISL3282E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3282E INTERSIL-ISL3282E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3282E INTERSIL-ISL3282E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3282E INTERSIL-ISL3282E Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL3282E RENESAS-ISL3282E Datasheet
944Kb / 16P
   Clock distribution
logo
Integrated Device Techn...
ISL3282EFRTZ-T IDT-ISL3282EFRTZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results

Similar Description - ISL3282E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com