Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8013 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8013
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8013 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8013 Datasheet HTML 4Page - Intersil Corporation ISL8013 Datasheet HTML 5Page - Intersil Corporation ISL8013 Datasheet HTML 6Page - Intersil Corporation ISL8013 Datasheet HTML 7Page - Intersil Corporation ISL8013 Datasheet HTML 8Page - Intersil Corporation ISL8013 Datasheet HTML 9Page - Intersil Corporation ISL8013 Datasheet HTML 10Page - Intersil Corporation ISL8013 Datasheet HTML 11Page - Intersil Corporation ISL8013 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN6309.1
December 27, 2007
FIGURE 9. POWER DISSIPATION WITH NO LOAD vs VIN
(PFM VOUT = 1.8V)
FIGURE 10. VOUT REGULATION vs LOAD (1MHz, VOUT = 1.2V)
FIGURE 11. VOUT REGULATION vs LOAD (1MHz, VOUT = 1.5V)
FIGURE 12. VOUT REGULATION vs LOAD (1MHz, VOUT = 1.8V)
FIGURE 13. VOUT REGULATION vs LOAD (1MHz, VOUT = 2.5V)
FIGURE 14. VOUT REGULATION vs LOAD (1MHz, VOUT = 3.3V)
Typical Operating Performance (Unless otherwise noted, operating conditions are: TA = +25°C, VVIN = 2.5V to 5.5V, EN = VIN,
SYNCH = 0V, L = 1.5µH, C1 = 2x22µF, C2 = 2x22µF, IOUT = 0A to 3A). (Continued)
0
0.05
0.10
0.15
0.20
0.25
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
3.3VIN-PFM
3.3VIN-PWM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
3.3VIN-PFM
3.3VIN-PWM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
3.3VIN-PWM
3.3VIN-PFM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.44
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
3.3VIN-PWM
3.3VIN-PFM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
3.36
OUTPUT LOAD (A)
5VIN-PWM
5VIN-PFM
4.5VIN-PWM
4.5VIN-PFM
ISL8013


Similar Part No. - ISL8013

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
374Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
ISL80136 RENESAS-ISL80136 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
More results

Similar Description - ISL8013

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com