Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT-223 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SOT-223
Description  4-Pin Plastic Small Outline Surface Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SOT-223 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SOT-223 Datasheet HTML 1Page - Bourns Electronic Solutions SOT-223 Datasheet HTML 2Page - Bourns Electronic Solutions SOT-223 Datasheet HTML 3Page - Bourns Electronic Solutions SOT-223 Datasheet HTML 4Page - Bourns Electronic Solutions SOT-223 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEPTEMBER 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SOT-223
PACKAGE MECHANICAL INFORMATION
Package Outline Dimensions
6.70 - 7.30
(0.264 - 0.287)
(0.112 - 0.122)
2.85 - 3.10
(0.071)
1.80
MAX.
4-Pin Plastic Small Outline Surface Mount
DIMENSIONS ARE :
MILLIMETERS
(INCHES)
MD-SOT223-002-a
4.60
(0.181)
TYP.
TO-261AA, JEDEC Publication 95
2.30
(0.090)
TYP.
6.30 - 6.70
(0.248 - 0.264)
0.64 - 0.84
(0.025 - 0.033)
0.02 - 0.12
(0.001 - 0.005)
3.30 - 3.70
(0.130 - 0.146)
10 ° MAX.
2
1
3
4


Similar Part No. - SOT-223

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
SOT-223 AME-SOT-223 Datasheet
37Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
logo
Continental Device Indi...
SOT-223 CDIL-SOT-223 Datasheet
145Kb / 4P
   SOT-223 (4 Leads) SMD Plastic Package
logo
Analog Microelectronics
SOT-223 AME-SOT-223 Datasheet
81Kb / 1P
   A : MIN 0.01 MAX 0.10 B : MIN 0.60 MAX 0.84
logo
YENYO TECHNOLOGY Co., L...
SOT-223 YENYO-SOT-223 Datasheet
288Kb / 1P
   Dimensions in inches and
logo
STMicroelectronics
SOT-223 STMICROELECTRONICS-SOT-223 Datasheet
500Kb / 20P
   5 V low dropout voltage regulator
More results

Similar Description - SOT-223

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
8-SOIC BOURNS-8-SOIC Datasheet
139Kb / 4P
   8-Pin Plastic Small Outline Surface Mount
logo
Texas Instruments
MPDS006C TI-MPDS006C Datasheet
33Kb / 2P
[Old version datasheet]   PLASTIC SMALL-OUTLINE
logo
Fujitsu Component Limit...
FPT-28P-M17 FUJITSU-FPT-28P-M17 Datasheet
36Kb / 1P
   SMALL OUTLINE L-LEADED PACKAGE 28 PIN PLASTIC
FPT-8P-M02 FUJITSU-FPT-8P-M02 Datasheet
23Kb / 1P
   SMALL OUTLINE L-LEADED PACKAGE 8 PIN PLASTIC
logo
Siemens Semiconductor G...
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215A SIEMENS-IL215A Datasheet
70Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Fairchild Semiconductor
MOC215-M FAIRCHILD-MOC215-M Datasheet
492Kb / 9P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Siemens Semiconductor G...
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Fairchild Semiconductor
MOC215 FAIRCHILD-MOC215 Datasheet
495Kb / 9P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com