Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3926DS Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3926DS
Description  짹 20A Integrated Current Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3926DS Datasheet(HTML) 2 Page - Texas Instruments

  UCC3926DS Datasheet HTML 1Page - Texas Instruments UCC3926DS Datasheet HTML 2Page - Texas Instruments UCC3926DS Datasheet HTML 3Page - Texas Instruments UCC3926DS Datasheet HTML 4Page - Texas Instruments UCC3926DS Datasheet HTML 5Page - Texas Instruments UCC3926DS Datasheet HTML 6Page - Texas Instruments UCC3926DS Datasheet HTML 7Page - Texas Instruments UCC3926DS Datasheet HTML 8Page - Texas Instruments UCC3926DS Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
UCC1926
UCC2926
UCC3926
ABSOLUTE MAXIMUM RATINGS
Input Sense Current (IIN) . . . . . . . . . . . . . . . . . . . . . . . . . ± 20A
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14.5V
Inrush Current, 50
µs . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±100A
Input Voltage Range (CSP, CSN) . . . . . . . . . . . –0.2V to 14.5V
CSP, CSN, Common Mode Range
(referenced to GND) . . . . . . . . . . . . . . . . . . . . . . . . . ± 200mV
CSP, CSN, Common Mode Range
(referenced to VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . ± 200mV
Shunt Resistance. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.25m
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to 150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . –55°C to 150°C
Lead Temperature (Soldering, 10sec.) . . . . . . . . . . . . . . 300°C
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages.
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for VDD = 4.8V; all temperature
ranges and TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Section
VDD
4.8
14
V
IVDD
3.8
6
mA
Transimpedance Amplifier Section
AOP – AON
IIN = 15A, VDD = 10V, 25°C
490
500
510
mV
IIN = 15A, VDD = 10V, 0°C to +70°C
480
500
520
mV
IIN = 15A, VDD = 10V, –40°C to +85°C
460
500
540
mV
IIN = 15A, VDD = 10V, –55°C to +125°C
410
500
590
mV
Quiescent Output Voltage (AOP, AON)
IIN = 0
1.0
V
Quiescent Differential Voltage (AOP –
AON)
IIN = 0, Measure AC Peak to Peak
0
30
mV
Bandwidth
(Note 1)
20
40
MHz
Output Impedance
350
500
Shunt Resistance
CSP to CSN
1.3
m
PSRR
VDD = 4.8V to 10V
45
dB
VDD = 10V to 14V
25
dB
Temperature Coefficient
(Note 1)
–200
200
ppm/°C
Sign Comparator Section
VOH, VDD – SIGN
CSP = 1A, ISIGN = –100µA, CSN = 0V
0.2
0.4
V
VOL, SIGN
CSP = –1A, ISIGN = 100µA, CSN = 0V
0.2
0.4
V
IIH Threshold
Ramp CSP, CSN = 0V
400
700
mA
IIL Threshold
Ramp CSP, CSN = 0V
–400
–700
mA
Programmable Amplifier Section
AVOL
60
70
dB
GBW
At 200kHz
6
13
MHz
VIO
VIN = 0.5V, 1.5V, 2.5V
–9
9
mV
CONNECTION DIAGRAM
SOIC-16 (Top View)
DS Package
ORDERING INFORMATION
TEMPERATURE RANGE
PACKAGES
UCC1926
– 55°C to +125°C
DS
UCC2926
– 40°C to +85°C
DS
UCC3926
0°C to +70°C
DS


Similar Part No. - UCC3926DS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3926 TI-UCC3926 Datasheet
148Kb / 10P
[Old version datasheet]   HIGH-VOLTAGE HOT-SWAP POWER MANAGER
More results

Similar Description - UCC3926DS

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
TMR7302-E MULTIDIMENSION-TMR7302-E Datasheet
646Kb / 9P
   Integrated Current Sensor
Version 1.0
logo
Melexis Microelectronic...
MLX91220 MELEXIS-MLX91220 Datasheet
1Mb / 38P
   MLX91220 Integrated Current Sensor IC
REVISION 3.0 - MAY 6, 2022
MLX91210 MELEXIS-MLX91210 Datasheet
1Mb / 18P
   MLX91210 Integrated Current Sensor IC
MLX91221 MELEXIS-MLX91221 Datasheet
1Mb / 37P
   MLX91221 Integrated Current Sensor IC
REVISION 2.0 - MAY 4, 2022
logo
International Rectifier
IR3742 IRF-IR3742_15 Datasheet
1Mb / 26P
   20A Integrated PowIRstage
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
   MEMS motion sensor 3-axis - 짹 2g/짹 8g smart digital output ?쐏iccolo??accelerometer
logo
Murata Manufacturing Co...
BNX022-01 MURATA1-BNX022-01_V01 Datasheet
371Kb / 4P
   Large rated current (20A)
08/24/2022
BNX028-01 MURATA1-BNX028-01_V01 Datasheet
316Kb / 4P
   Large rated current (20A)
08/24/2022
BNX029-01 MURATA1-BNX029-01_V01 Datasheet
317Kb / 4P
   Large rated current (20A)
08/24/2022
BNX024H01 MURATA1-BNX024H01_V01 Datasheet
319Kb / 4P
   Supporting large current (20A)
08/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com