Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4331DR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP4331DR2G
Description  Synchronous Buck Controller for High Efficiency Post Regulation
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4331DR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP4331DR2G Datasheet HTML 1Page - ON Semiconductor NCP4331DR2G Datasheet HTML 2Page - ON Semiconductor NCP4331DR2G Datasheet HTML 3Page - ON Semiconductor NCP4331DR2G Datasheet HTML 4Page - ON Semiconductor NCP4331DR2G Datasheet HTML 5Page - ON Semiconductor NCP4331DR2G Datasheet HTML 6Page - ON Semiconductor NCP4331DR2G Datasheet HTML 7Page - ON Semiconductor NCP4331DR2G Datasheet HTML 8Page - ON Semiconductor NCP4331DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
NCP4331
http://onsemi.com
5
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
BST, HB
Bootstrap and “Half-Bridge” Node Inputs (Referenced to GND)
-2, +40
V
BSTHB
Bootstrap Pin Voltage Referenced to the HB Node
-0.3, +10
V
VCC
Internal Regulator Input
-0.3, +30
V
Vin
Pins 1, 2, 3, 4, 5, 6, 7, 8 and 9
-0.3, +5
V
VDD
Supply Voltage
-0.3, +10
V
RqJA
Thermal Resistance (TSSOP-16 and SOIC-16)
145
°C/W
ESD Capability, Human Body Model (HBM)
2
kV
ESD Capability, Machine Model (MM) (Note 2)
200
V
TA
Operating Temperature Range (Note 1)
-40, +125
°C
TJmax
Maximum Junction Temperature
150
°C
TSmax
Storage Temperature Range
-65 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The maximum junction temperature should not be exceeded.
2. The Machine Model ESD capability is 150 V for Pin 9.
ELECTRICAL CHARACTERISTICS (VCC = 20 V, VBST = 7 V, HB Grounded, TJ = 0°C to +125°C, unless otherwise specified)
Symbol
Rating
Min
Typ
Max
Unit
HIGH-SIDE OUTPUT STAGE
RHS_source
Source Resistance @ Isource = 100 mA
-
3
6
W
RHS_sink
Sink Resistance @ Isink = 100 mA
-
2
4
W
tr-HS
tf-HS
Rise and Fall Times:
High-Side Output Voltage Rise Time (CL = 1 nF) (Note 3)
High-Side Output Voltage Fall Time (CL = 1 nF) (Note 3)
-
-
13
8
20
15
ns
TLS-HS
Delay from Low-Side Gate Drive Low (High) to High-Side Drive High
(Low) (Note 6)
35
55
75
ns
LOW-SIDE OUTPUT STAGE
RLS_source
Source Resistance @ Isource = 100 mA
-
3
6
W
RLS_sink
Sink Resistance @ Isink = 100 mA
-
2
4
W
tr-LS
tf-LS
Rise and Fall Times:
High-Side Output Voltage Rise Time (CL = 1 nF) (Note 3)
High-Side Output Voltage Fall Time (CL = 1 nF) (Note 3)
-
-
13
8
20
15
ns
CURRENT CONTROL ERROR AMPLIFIER (Auxiliary Error Amplifier)
IBpin3
Noninverting Input Bias Current @ Vpin3 = Vpin2 = Vref
-500
-100
0
nA
IBpin2
Inverting Input Bias Current @ Vpin3 = Vpin2 = Vref
-500
-100
0
nA
Vio
Input Offset Voltage (Note 5)
-5
1
5
mV
BW
Gain Bandwidth
-
4
-
MHz
GEA
Open Loop Voltage Gain
-
70
-
dB
VLL
Pin 1 Voltage if Vpin2 = 1 V and Vpin3 = 0 V, 100 mA Being Sourced Into
Pin 1
0
-
0.5
V
3. The risetime is the time needed by the drive to go from 10% to 90% of the supply voltage. The fall time is the time required by the drive
to drop from 90% to 10% of its supply voltage. These times are not tested in production but only guaranteed by design.
4. Guaranteed by design. Tested through the RRESET parameter.
5. Guaranteed by characterization and design.
6. This delay is specified with the HB pin being grounded. In typical application where the HB node is pulsing, the delay is 70 ns typically


Similar Part No. - NCP4331DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP433 ONSEMI-NCP433 Datasheet
122Kb / 7P
   1.5A Ultra-Small Controlled Load Switch with Auto-Discharge Path
December, 2013 ??Rev. 1
NCP4330 ONSEMI-NCP4330 Datasheet
113Kb / 18P
   Post Regulation Driver
August, 2005 ??Rev. 0
NCP4330 ONSEMI-NCP4330 Datasheet
244Kb / 2P
   300 W 80 PLUS ATX Reference Design
Rev. 2, Oct-2006
NCP4330 ONSEMI-NCP4330 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP4330DR2G ONSEMI-NCP4330DR2G Datasheet
113Kb / 18P
   Post Regulation Driver
August, 2005 ??Rev. 0
More results

Similar Description - NCP4331DR2G

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
logo
Texas Instruments
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182 Datasheet
223Kb / 28P
   High-Efficiency Synchronous Buck Controller Final Information
logo
Richtek Technology Corp...
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com