Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUF6410MN Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUF6410MN
Description  6 Line EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF6410MN Datasheet(HTML) 1 Page - ON Semiconductor

  NUF6410MN Datasheet HTML 1Page - ON Semiconductor NUF6410MN Datasheet HTML 2Page - ON Semiconductor NUF6410MN Datasheet HTML 3Page - ON Semiconductor NUF6410MN Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2007
October, 2007 - Rev. 2
1
Publication Order Number:
NUF6410MN/D
NUF6410MN
6 Line EMI Filter with ESD
Protection
This device is a 6 line EMI filter array for wireless applications.
Greater than -20 dB typical attenuation is obtained at frequencies from
800 MHz to 3.0 GHz. The NUF6410MN has a typical cut-off frequency
of 250 MHz. This DFN package is specifically designed to enhance EMI
filtering for low-profile or slim design electronics especially where space
and height is a premium. It also offers ESD protection clamping
transients from static discharges. ESD protection is provided across all
capacitors.
Features
EMI Filtering and ESD Protection
Integration of 30 Discrete Components
DFN Package, 1.35 x 3.0 mm
Moisture Sensitivity Level 1
ESD Ratings: IEC61000-4-2 (Level 4)
Machine Model = C
Human Body Model = 3B
This is a Pb-Free Device*
Benefits
Reduces EMI/RFI Emissions on a Data Line
Integrated Solution Offers Cost and Space Savings in a DFN Package
Excellent S21 Characteristics with very Low Parasitic Inductances
Integrated Solution Improves System Reliability
Compatible Footprint to BGA or Flip-Chip Package
Applications
EMI Filtering and ESD Protection for Data Lines
Wireless Phones
PDAs and Handheld Products
Digital Camera
LCD Displays
4
3
2
1
(Bottom View)
9
10
11
12
8
7
6
5
GND
*For additional information on our Pb-Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
1
64
10
M
G
G
DFN12
CASE 506AD
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
NUF6410MNT1G
DFN12
(Pb-Free)
3000 / Tape & Reel
http://onsemi.com
1
(Top View)
Cd
Cd
12
2
Cd
Cd
11
3
Cd
Cd
10
4
Cd
Cd
9
5
Cd
Cd
8
6
Cd
Cd
7
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
6410
= Specific Device Code
M
= Date and Assembly Location
G
= Pb-Free Package
(Note: Microdot may be in either location)
1
12


Similar Part No. - NUF6410MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF6410MN ONSEMI-NUF6410MN Datasheet
148Kb / 6P
   6-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 5
NUF6410MNT1G ONSEMI-NUF6410MNT1G Datasheet
148Kb / 6P
   6-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 5
NUF6410MN ONSEMI-NUF6410MN_09 Datasheet
148Kb / 6P
   6-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 5
More results

Similar Description - NUF6410MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF6010MU ONSEMI-NUF6010MU Datasheet
80Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 3
NUF6401MN ONSEMI-NUF6401MN_06 Datasheet
50Kb / 4P
   6 Line EMI Filter with ESD Protection
July, 2006 ??Rev. 4
logo
Alpha & Omega Semicondu...
AOZ8015 AOSMD-AOZ8015 Datasheet
315Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8035 AOSMD-AOZ8035 Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8025 AOSMD-AOZ8025 Datasheet
309Kb / 8P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8175 AOSMD-AOZ8175 Datasheet
303Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8075 AOSMD-AOZ8075 Datasheet
336Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8535 AOSMD-AOZ8535 Datasheet
274Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
logo
Alpha Industries
AOZ8045 ALPHA-AOZ8045 Datasheet
348Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
logo
STMicroelectronics
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
   6 line EMI filter and ESD protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com