Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK4178-S27-AY Datasheet(PDF) 1 Page - NEC

Part # 2SK4178-S27-AY
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK4178-S27-AY Datasheet(HTML) 1 Page - NEC

  2SK4178-S27-AY Datasheet HTML 1Page - NEC 2SK4178-S27-AY Datasheet HTML 2Page - NEC 2SK4178-S27-AY Datasheet HTML 3Page - NEC 2SK4178-S27-AY Datasheet HTML 4Page - NEC 2SK4178-S27-AY Datasheet HTML 5Page - NEC 2SK4178-S27-AY Datasheet HTML 6Page - NEC 2SK4178-S27-AY Datasheet HTML 7Page - NEC 2SK4178-S27-AY Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SK4178
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No. D19080EJ1V0DS00 (1st edition)
Date Published December 2007 NS
Printed in Japan
2007
DESCRIPTION
The 2SK4178 is N-channel MOS FET device that features a low on-state resistance and excellent switching characteristics,
and designed for low voltage high current applications such as DC/DC converter with synchronous rectifier.
FEATURES
• Low on-state resistance
RDS(on)1 = 9.0 m
Ω MAX. (VGS = 10 V, ID = 30 A)
• Low gate to drain charge
QGD = 3.7 nC TYP. (VDD = 15 V, ID = 30 A)
• 4.5 V drive available
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
2SK4178(1)-S27-AY
Note
Tube 75 p/tube
TO-251 (MP-3-b) typ. 0.34 g
2SK4178-ZK-E1-AY
Note
2SK4178-ZK-E2-AY
Note
Pure Sn (Tin)
Tape 2500 p/reel
TO-252 (MP-3ZK) typ. 0.27 g
Note Pb-free (This product does not contain Pb in external electrode).
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
30
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25
°C)
ID(DC)
±48
A
Drain Current (pulse)
Note1
ID(pulse)
±144
A
Total Power Dissipation (TC = 25
°C)
PT1
33
W
Total Power Dissipation (TA = 25
°C)
PT2
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
Note2
IAS
23
A
Single Avalanche Energy
Note2
EAS
52.9
mJ
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Starting Tch = 25
°C, VDD = 15 V, RG = 25 Ω, VGS = 20 → 0 V, L = 0.1 mH
(TO-251)
(TO-252)


Similar Part No. - 2SK4178-S27-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK4178-S27-AY RENESAS-2SK4178-S27-AY Datasheet
404Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - 2SK4178-S27-AY

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE NEC-NP80N055EHE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG NEC-NP109N04PUG Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE NEC-NP84N055EHE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP86N04EHE NEC-NP86N04EHE Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com