Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY24272 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY24272
Description  Rambus짰 XDR??Clock Generator with Zero SDA Hold Time
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24272 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY24272 Datasheet HTML 3Page - Cypress Semiconductor CY24272 Datasheet HTML 4Page - Cypress Semiconductor CY24272 Datasheet HTML 5Page - Cypress Semiconductor CY24272 Datasheet HTML 6Page - Cypress Semiconductor CY24272 Datasheet HTML 7Page - Cypress Semiconductor CY24272 Datasheet HTML 8Page - Cypress Semiconductor CY24272 Datasheet HTML 9Page - Cypress Semiconductor CY24272 Datasheet HTML 10Page - Cypress Semiconductor CY24272 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CY24272
Document Number: 001-42414 Rev. **
Page 7 of 13
DC Operating Conditions
Parameter
Description
Condition
Min
Max
Unit
VDDP
Supply Voltage for PLL
2.5V ± 5%
2.375
2.625
V
VDDC
Supply Voltage for Core
2.5V ± 5%
2.375
2.625
V
VDD
Supply Voltage for Clock Buffers
2.5V ± 5%
2.375
2.625
V
VIHCLK
Input High Voltage, REFCLK/REFCLKB
0.6
0.95
V
VILCLK
Input Low Voltage, REFCLK/REFCLKB
–0.15
+0.15
V
VIXCLK
[6]
Crossing Point Voltage, REFCLK/REFCLKB
200
550
mV
ΔV
IXCLK
[6]
Difference in Crossing Point Voltage, REFCLK/REFCLKB
150
mV
VIH
Input Signal High Voltage at ID0, ID1, EN, and /BYPASS
1.4
2.625
V
VIL
Input Signal Low Voltage at ID0, ID1, EN, and /BYPASS
–0.15
0.8
V
VIH,SM
Input Signal High Voltage at SCL and SDA[7]
1.4
3.465
V
VIL,SM
Input Signal Low Voltage at SCL and SDA
–0.15
0.8
V
VTH
[8]
Input Threshold Voltage for single-ended REFCLK
0.35
0.5VDD
V
VIH,SE
Input Signal High Voltage for single-ended REFCLK
VTH + 0.3
2.625
V
VIL,SE
Input Signal Low Voltage for single-ended REFCLK
–0.15
VTH – 0.3
V
TA
Ambient Operating Temperature
0
70
°C
Notes
6. Not 100% tested except VIXCLK and ΔVIXCLK. Parameters guaranteed by design and characterizations, not 100% tested in production.
7. This range of SCL and SDA input high voltage enables the CY24272 for use with 3.3V, 2.5V, or 1.8V SMBus voltages.
8. Single-ended operation guaranteed only when 0.8 < (VIH,SE – VTH)/(VTH – VIL,SE) < 1.2.
[+] Feedback


Similar Part No. - CY24272

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24272 CYPRESS-CY24272 Datasheet
548Kb / 16P
   Rambus XDR??Clock Generator with Zero SDA Hold Time
CY24272ZXC CYPRESS-CY24272ZXC Datasheet
548Kb / 16P
   Rambus XDR??Clock Generator with Zero SDA Hold Time
CY24272ZXCT CYPRESS-CY24272ZXCT Datasheet
548Kb / 16P
   Rambus XDR??Clock Generator with Zero SDA Hold Time
CY24272 CYPRESS-CY24272_11 Datasheet
548Kb / 16P
   Rambus XDR??Clock Generator with Zero SDA Hold Time
More results

Similar Description - CY24272

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24272 CYPRESS-CY24272_11 Datasheet
548Kb / 16P
   Rambus XDR??Clock Generator with Zero SDA Hold Time
CY24271 CYPRESS-CY24271 Datasheet
322Kb / 13P
   Rambus짰 XDR??Clock Generator
logo
Texas Instruments
CDCD5704 TI-CDCD5704_07 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9214 ICST-ICS9214 Datasheet
216Kb / 16P
   Rambus XDR Clock Generator
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271_11 Datasheet
533Kb / 16P
   Rambus XDR??Clock Generator
logo
Texas Instruments
CDCD5704 TI-CDCD5704 Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
logo
Renesas Technology Corp
8725B-21 RENESAS-8725B-21 Datasheet
536Kb / 16P
   Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
ICS872S480 RENESAS-ICS872S480 Datasheet
1Mb / 21P
   Differential-to-HSTL Zero Delay Clock Generator
APRIL 19, 2011
logo
Integrated Device Techn...
ICS872S480 IDT-ICS872S480 Datasheet
826Kb / 20P
   Differential-to-HSTL Zero Delay Clock Generator
logo
Renesas Technology Corp
8705I RENESAS-8705I Datasheet
478Kb / 19P
   Zero Delay, Differential-to-LVCMOS/ LVTTL Clock Generator
REVISION E 7/13/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com