Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPB56721AG Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSPB56721AG
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56721AG Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSPB56721AG Datasheet HTML 5Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 6Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 7Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 8Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 9Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 10Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 11Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 12Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
9
Table 4. Maximum Ratings
Rating1
Symbol
Value1, 2
Unit
Supply Voltage
VCORE_VDD,
VPLLD_VDD
-0.3 to + 1.26
V
VPLLP_VDD,
VIO_VDD,
VPLLA_VDD,
-0.3 to + 4.0
V
Maximum CORE_VDD power supply ramp time4
Tr
10
ms
Input Voltage per pin excluding VDD and GND
VIN
GND -0.3 to 5.5V
V
Current drain per pin excluding VDD and GND
(Except for pads listed below)
I12
mA
LSYNC_OUT
Ilsync_out
16
mA
LCLK
Ilclk
16
mA
LALE
Iale
16
mA
TDO
IJTAG
24
mA
Operating temperature range3
TJ
-40 to +125
°C
Storage temperature
TSTG
-65 to +150
°C
ESD protected voltage (Human Body Model)
2000
V
ESD protected voltage (Charged Device)
• All pins
• Corner pins
500
750
V
Notes:
1.
GND = 0 V, TJ = -40°C to 125°C, CL = 50pF
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond the
maximum rating may affect device reliability or cause permanent damage to the device.
3.
Operating temperature qualified for consumer applications. TJ = TA + qJA x Power. Variables used were
Core Current = 900mA, I/O Current = 200mA, Core Voltage = 1.1 V, I/O Voltage = 3.6 V, TA = 105°C.
4.
If the power supply ramp to full supply time is longer than 10 ms, the POR circuitry will not operate correctly, causing erroneous
operation.


Similar Part No. - DSPB56721AG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSPB56721AG NXP-DSPB56721AG Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
More results

Similar Description - DSPB56721AG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56720 NXP-DSP56720 Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
logo
Freescale Semiconductor...
DSP56724 FREESCALE-DSP56724 Datasheet
830Kb / 48P
   Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
logo
NXP Semiconductors
DSP56007 NXP-DSP56007 Datasheet
951Kb / 83P
   SYMPHONYTM AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
1996, 1997
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
   Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
   System PMIC for Multi-Core Application Processors
21-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com