Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP106 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP106
Description  PHOTO-IC Intelligent Power Module Signal Isolation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP106 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP106 Datasheet HTML 1Page - Toshiba Semiconductor TLP106 Datasheet HTML 2Page - Toshiba Semiconductor TLP106 Datasheet HTML 3Page - Toshiba Semiconductor TLP106 Datasheet HTML 4Page - Toshiba Semiconductor TLP106 Datasheet HTML 5Page - Toshiba Semiconductor TLP106 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP106
2007-10-01
4
Switching Characteristics
(Unless otherwise specified, Ta = -40 to 85
°C, VCC = 4.5~20 V.)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN.
TYP.
MAX.
UNIT
Propagation Delay Time
to Logic HIGH Output
tpLH
IF = 0→5mA、CL = 100 pF
VCC = 20 V
50
250
400
ns
Propagation Delay Time
to Logic LOW Output
tpHL
IF = 5→0 mA、CL = 100 pF
VCC = 20 V
50
260
400
ns
Switching Time Dispersion
between ON and OFF
|tpHL-
tpLH|
CL = 100 PF
350
ns
Output Rise Time
tr
IF = 0→5 mA, VCC = 20 V
175
ns
Output Fall Time
tf
7
IF = 5→0 mA, VCC = 20 V
95
ns
Propagation Delay Time
to Logic HIGH Output
tpLH
IF = 0→5 mA
50
400
ns
Propagation Delay Time
to Logic LOW Output
tpHL
8
IF = 5→0 mA
50
400
ns
Common-Mode Transient
Immunity at HIGH Level
Output
CMH
VCM = 1000 Vp-p, IF = 5 mA,
VCC = 20 V,Ta = 25
°C
-10000
V/us
Common-Mode Transient
Immunity at LOW Level
Output
CML
9
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 20 V,Ta = 25
°C
10000
V/us
*All typical values are at Ta = 25
°C.
TEST CIRCUIT 1 : VOL
VCC
GND
SHIELD
0.1uF
V
OL
V
CC
1
3
6
5
4
V
IOL
TEST CIRCUIT 2 : VOH
VCC
GND
SHIELD
0.1uF
V
OH
1
3
6
5
4
V
I
OH
IF
V
CC
TEST CIRCUIT 3 : ICCL
VCC
GND
SHIELD
V
CC
1
3
6
5
4
ICCL
A
TEST CIRCUIT 4 : ICCH
V
CC
16
VCC
GND
SHIELD
3
5
4
ICCH
A
IF
TEST CIRCUIT 5 : IOSL
VCC
GND
SHIELD
0.1uF
VO
VCC
1
3
6
5
4
IOSL
A
TEST CIRCUIT 6 : IOSH
VCC
GND
SHIELD
0.1uF
VCC
IF
1
3
6
5
4
IOSH
A
VO


Similar Part No. - TLP106

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP106 TOSHIBA-TLP106 Datasheet
113Kb / 8P
   Intelligent Power Module Signal Isolation Industrial Inverters Moter Drive
More results

Similar Description - TLP106

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP102 TOSHIBA-TLP102_05 Datasheet
250Kb / 6P
   PHOTO-IC Intelligent Power Module Signal Isolation
TLP706F TOSHIBA-TLP706F Datasheet
133Kb / 2P
   Intelligent power module signal isolation
TLP702F TOSHIBA-TLP702F Datasheet
94Kb / 2P
   Intelligent power module signal isolation
TLP106 TOSHIBA-TLP106 Datasheet
113Kb / 8P
   Intelligent Power Module Signal Isolation Industrial Inverters Moter Drive
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
   Photo−IC Digital Logic Isolation.
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
KODENSHI_AUK CORP.
PIC-2503 KODENSHI-PIC-2503 Datasheet
143Kb / 2P
   Photo IC(photodiode with signal processing)?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com