Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP116 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP116
Description  PHOTO-IC PDP(Plasma Display Panel)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP116 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP116_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP116_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP116_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP116_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP116_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP116_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP116_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP116_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLP116
2007-10-01
7
t pHL,tpLH-Ta
t pHL,tpLH-Ta
-40 -20
0
20406080 100
0
10
20
30
40
50
60
-40 -20
0
20406080 100
0
10
20
30
40
50
60
Ambient Temperature Ta(℃)
Ambient Temperature Ta(℃)
t pHL,tpLH-IF
t pHL,tpLH-VCC
0
5
10
15
20
10
20
30
40
50
60
70
4.5
5
5.5
0
10
20
30
40
50
60
Forw ard Current I F (mA)
Supply Voltage VCC (V)
|tpHL-tpLH|-Ta
I FLH -Ta
-40 -20
0
20406080 100
0
5
10
15
20
25
30
-40 -20
0
20
40
60
80 100
0
1
2
3
4
5
Ambient Temperature Ta(℃)
Ambient Temperature Ta(℃)
*: The above graphs show typical characteristics.
Test Circuit 5
IF=12mA,RIN=100Ω,
CL=15pF,VCC=5.5V
Test Circuit 6
VIN=5V,RIN=470Ω
CIN=27pF,CL=15pF,VCC=5.5V
tpLH
tpHL
tpLH
tpHL
Test Circuit 5
RIN=100Ω , CL=15pF
VCC=5.5V
tpLH
tpHL
Test Circuit 5
IF=12mA , RIN=100Ω
CL=15pF , Ta=25°C
tpHL
tpLH
IO=1.6mA
VO<0.4V
Test Circuit 5
Test Circuit 6


Similar Part No. - TLP116_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP116A TOSHIBA-TLP116A Datasheet
274Kb / 9P
   PHOTOCOUPLER GaA?밃s LED & PHOTO-IC
More results

Similar Description - TLP116_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
   PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
   Plasma Display Panel
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
logo
Vishay Siliconix
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
   Plasma Panel Display Modules
18-Jul-08
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
   Plasma Panel Display Module
18-Jul-08
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
   Plasma Panel Display Modules
Revision 21-Dec-00
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
   Plasma Panel Display Modules
18-Jul-08
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
   PLASMA DISPLAY PANEL DATA DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com