Selected language     English  ▼


TLP160G_07 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TLP160G_07
Description  PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 3 page
background image
TLP160G
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=10mA
1.0
1.15
1.3
V
Reverse current
IR
VR=5V
10
μA
Capacitance
CT
V=0, f=1MHz
30
pF
Peak off
−state current
IDRM
VDRM=400V
10
1000
nA
Peak on
−state voltage
VTM
ITM=70mA
1.7
2.8
V
Holding current
IH
0.6
mA
Critical rate of rise
of off
−state voltage
dv / dt
Vin=120Vrms, Ta=85°C
(Fig.1)
200
500
V / μs
Critical rate of rise
of commutating voltage
dv / dt(c)
IT=15mA, Vin=30Vrms
(Fig.1)
0.2
V / μs
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VT=3V
5
10
mA
Capacitance input to output
Cs
VS=0, f=1MHz
0.8
pF
Isolation resistance
RS
VS=500V, R.H. ≤ 60%
1×10
12
10
14
AC, 1 minute
2500
AC, 1 second, in oil
5000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
5000
Vdc
Turn
−on time
tON
VD=6→4V, RL = 100Ω
IF=rated IFT×1.5
30
100
μs
Fig.1 dv / dt Test Circuit
1
6
3
4
5V,VCC
0V
Vin
RL
2kΩ
dv / dt (c)
VCC
+
dv / dt
Rin
120Ω




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP666JTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP666GFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP741GTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 3 4 5 MoreToshiba Semiconductor
TLP141GTOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP3526TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP561JTOSHIBA Photocoupler GaAs IRed & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3540TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET 1 2 3 4 Toshiba Semiconductor
TLP161GTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3530TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl