Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3425A1TECH Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3425A1TECH
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425A1TECH Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3425A1TECH Datasheet HTML 7Page - Microchip Technology MCP3425A1TECH Datasheet HTML 8Page - Microchip Technology MCP3425A1TECH Datasheet HTML 9Page - Microchip Technology MCP3425A1TECH Datasheet HTML 10Page - Microchip Technology MCP3425A1TECH Datasheet HTML 11Page - Microchip Technology MCP3425A1TECH Datasheet HTML 12Page - Microchip Technology MCP3425A1TECH Datasheet HTML 13Page - Microchip Technology MCP3425A1TECH Datasheet HTML 14Page - Microchip Technology MCP3425A1TECH Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22072A-page 11
MCP3425
5.2
Configuration Register
The MCP3425 has an 8-bit wide configuration register
to select for: PGA gain, conversion rate, and conver-
sion mode. This register allows the user to change the
operating condition of the device and check the status
of the device operation. The user can rewrite the
configuration
byte
any
time
during
the
device
operation.
Register 5-1
shows
the
configuration
register bits.
REGISTER 5-1:
CONFIGURATION REGISTER
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
RDY
C1
C0
O/C
S1
S0
G1
G0
1 *
0 *
0 *
1 *
0 *
0 *
0 *
0 *
bit 7
bit 0
* Default Configuration after Power-On Reset
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RDY: Ready Bit
This bit is the data ready flag. In read mode, this bit indicates if the output register has been updated
with a new conversion. In One-Shot Conversion mode, writing this bit to “1” initiates a new conversion.
Reading RDY bit with the read command:
1
= Output register has not been updated.
0
= Output register has been updated with the latest conversion data.
Writing RDY bit with the write command:
Continuous Conversion mode: No effect
One-Shot Conversion mode:
1
= Initiate a new conversion.
0
= No effect.
bit 6-5
C1-C0: Channel Selection Bits
These are the Channel Selection bits, but not used in the MCP3425 device.
bit 4
O/C: Conversion Mode Bit
1
= Continuous Conversion Mode. Once this bit is selected, the device performs data conversions
continuously.
0
= One-Shot Conversion Mode. The device performs a single conversion and enters a low power
standby mode until it receives another write/read command.
bit 3-2
S1-S0: Sample Rate Selection Bit
00 =
240 SPS (12 bits),
01 =
60 SPS (14 bits),
10 =
15 SPS (16 bits)
bit 1-0
G1-G0: PGA Gain Selector Bits
00 =
1 V/V,
01 =
2 V/V,
10 =
4 V/V,
11
=
8 V/V


Similar Part No. - MCP3425A1TECH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3425A1T-E/CH MICROCHIP-MCP3425A1T-E/CH Datasheet
734Kb / 38P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
More results

Similar Description - MCP3425A1TECH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3421 MICROCHIP-MCP3421 Datasheet
1Mb / 30P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
logo
Maxim Integrated Produc...
MCP3426 MAXIM-MCP3426 Datasheet
950Kb / 56P
   16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3428-ESL MICROCHIP-MCP3428-ESL Datasheet
950Kb / 56P
   16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
03/26/09
MCP3422 MICROCHIP-MCP3422 Datasheet
1Mb / 58P
   18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
2009
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com