Selected language     English  ▼


TLP180_07 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TLP180_07
Description  Photocoupler GaAs Ired & Photo−Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
TLP180
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP180
Programmable Controllers
AC / DC
−Input Module
Telecommunication
The TOSHIBA mini flat coupler TLP180 is a small outline coupler,
suitable for surface mount assembly.
TLP180 consist of a photo transistor, optically coupled to a gallium
arsenide infrared emitting diode connected inverse parallel, and can
operate directly by AC input current.
• Collector−emitter voltage: 80 V (min.)
• Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
• Isolation voltage: 3750Vrms (min.)
• UL recognized: UL1577, file No. E67349
• BSI approved: BS EN60065:2002, certificate no.8285
BS EN60950-1:2002, certificate no.8286
Pin Configuration (top view)
6
1: Anode, Cathode
3: Cathode, Anode
4: Emitter
6: Collector
4
1
3
TOSHIBA
11
−4C1
Weight: 0.09 g
Unit in mm




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP666JTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP504A_07GaAs Ired & Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP666GFTOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 Toshiba Semiconductor
TLP421F_07GaAs IRed & Photo−Transistor 1 2 3 Toshiba Semiconductor
TLP160G_07PHOTOCOUPLER GAAS IRED & PHOTO TRIAC 1 2 3 4 5 MoreToshiba Semiconductor
TLP741GTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 3 4 5 MoreToshiba Semiconductor
TLP141GTOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP371_07GaAs Ired & Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP160J_07TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl