Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1965 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1965
Description  1.1A, Low Noise, Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1965 Datasheet HTML 3Page - Linear Technology LT1965 Datasheet HTML 4Page - Linear Technology LT1965 Datasheet HTML 5Page - Linear Technology LT1965 Datasheet HTML 6Page - Linear Technology LT1965 Datasheet HTML 7Page - Linear Technology LT1965 Datasheet HTML 8Page - Linear Technology LT1965 Datasheet HTML 9Page - Linear Technology LT1965 Datasheet HTML 10Page - Linear Technology LT1965 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1965
7
1965f
TIME (μs)
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
80
20
40
60
100
70
10
30
50
90
1965 G26
OUTPUT
SHDN
VIN = 3.3V
COUT = 10μF CERAMIC
RL = 2.5k, IL = 1mA FOR VOUT = 2.5V
0
0.0
–100
–50
0
50
100
0.5
1.0
1.5
10
20
30
40
50
60
70
80
1965 G25
TIME (μs)
VIN = 4.3V
CIN = 10μF CERAMIC
COUT = 10μF CERAMIC
VOUT = 3.3V
PIN FUNCTIONS
OUT (Pins 1, 2 / 1, 2 / 4 / 4): Output. This pin supplies
power to the load. Use a minimum output capacitor of
10μF to prevent oscillations. Large load transient applica-
tions require larger output capacitors to limit peak volt-
age transients. See the Applications Information section
for more information on output capacitance and reverse
output characteristics.
ADJ (Pins 3 / 3 / 5 / 5): Adjust. This pin is the input to the
error amplifier. It has a typical bias current of 1.3μA that
flows into the pin. The ADJ pin voltage is 1.20V referenced
to ground.
GND (Pins 4, 5 / 4, 5 / 3 / 3): Ground. For the adjustable
LT1965, connect the bottom of the resistor divider, setting
output voltage, directly to GND for optimum regulation.
⎯S⎯H⎯D⎯N (Pin 6 / 6 / 1 / 1): Shutdown. Pulling the ⎯S⎯H⎯D⎯N pin
low puts the LT1965 into a low power state and turns the
output off. Drive the ⎯S⎯H⎯D⎯N pin with either logic or an open
collector/drain with a pull-up resistor. The resistor sup-
plies the pull-up current to the open collector/drain logic,
normally several microamperes and the ⎯S⎯H⎯D⎯N pin current,
typically less than 6μA. If unused, connect the ⎯S⎯H⎯D⎯N pin
to VIN. The LT1965 will be in its low power shutdown state
if the ⎯S⎯H⎯D⎯N pin is not connected. The ⎯S⎯H⎯D⎯N pin cannot
be driven below GND unless it is tied to the IN pin. If the
⎯S⎯H⎯D⎯N pin is driven below GND while IN is powered, the
output will turn on. ⎯S⎯H⎯D⎯N pin logic cannot be referenced
to a negative supply rail.
IN (Pins 7, 8 / 7, 8 / 2 / 2): Input. This pin supplies power
to the device. The LT1965 requires a bypass capacitor at IN
if located more than six inches from the main input filter
capacitor. Include a bypass capacitor in battery-powered
circuits as a battery’s output impedance generally rises
with frequency. A bypass capacitor in the range of 1μF to
10μF suffices. The LT1965’s design withstands reverse
voltages on the IN pin with respect to ground and the
OUT pin. In the case of a reversed input, which occurs if
a battery is plugged in backwards, the LT1965 behaves
as if a diode is in series with its input. No reverse current
flows into the LT1965 and no reverse voltage appears at
the load. The device protects itself and the load.
Exposed Pad (Pin 9 / 9, DFN and MSOP Packages Only):
Ground. Tie this pin directly to Pins 4 and 5 and the PCB
ground. This pin provides enhanced thermal performance
with its connection to the PCB ground. See the Applica-
tions Information section for thermal considerations and
calculating junction temperature.
(DFN/MSOP/DD-PAK/TO-220)
Transient Response
⎯S⎯H⎯D⎯N Transient Response
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LT1965

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965 LINER-LT1965 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT1965 LINER-LT1965 Datasheet
558Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT1965 LINER-LT1965 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1965 LINER-LT1965 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
LT1965 LINER-LT1965 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
More results

Similar Description - LT1965

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965 LINER-LT1965_15 Datasheet
981Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1965EMS8E LINER-LT1965EMS8E Datasheet
245Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT1965EMS8E LINEAR-LT1965EMS8E Datasheet
908Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Technology
LT1965 LINER-LT1965_1 Datasheet
237Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com