Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCQF Datasheet(PDF) 7 Page - Linear Technology

Part # LCQF
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCQF Datasheet(HTML) 7 Page - Linear Technology

Back Button LCQF Datasheet HTML 3Page - Linear Technology LCQF Datasheet HTML 4Page - Linear Technology LCQF Datasheet HTML 5Page - Linear Technology LCQF Datasheet HTML 6Page - Linear Technology LCQF Datasheet HTML 7Page - Linear Technology LCQF Datasheet HTML 8Page - Linear Technology LCQF Datasheet HTML 9Page - Linear Technology LCQF Datasheet HTML 10Page - Linear Technology LCQF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3498
7
3498f
BLOCK DIAGRAM
PIN FUNCTIONS
VOUT2 (Pin 7): Drain of Output Disconnect PMOS.
Place a bypass capacitor from this pin to GND. See the
Applications Information section.
CAP2 (Pin 8): Output of the OLED Driver. This pin is
connected to the cathode of the internal Schottky diode.
Place a bypass capacitor from this pin to GND.
SW2 (Pin 9): Switch Pin. This is the collector of the in-
ternal NPN power switch. Minimize the metal trace area
connected to this pin to minimize EMI.
VIN (Pin 10): Input Supply Pin. Must be locally by-
passed.
SW1 (Pin 11): Switch Pin. Connect the inductor of the
white LED driver at this pin. Minimize metal trace area at
this pin to minimize EMI.
CAP1 (Pin 12): Output of the White LED Driver. This pin is
connected to the cathode of the internal Schottky. Connect
the output capacitor to this pin and the sense resistor from
this pin to the LED1 pin.
Exposed Pad (Pin 13): Ground. The Exposed Pad must
be soldered to the PCB.
+
+
+
+
+
+
+
6
5
1
Σ
12
8
7
11
10
9
4
2
3
RAMP
GENERATOR
2.3MHz
OSCILLATOR
SWITCH
CONTROL
START-UP
CONTROL
A2
VREF
R
S
Q
OVERVOLTAGE
PROTECTION
DISCONNECT
CONTROL
SHUNT
CONTROL
3498 BD
DRIVER
DRIVER
COMPARATOR
SW2
CAP1
LED1
VIN
RSENSE1
10
VOUT2
CAP2
RC
CC
C1
1
µF
C2
0.47
µF
RFB2
2.21M
Q2
A5
A1
A4
A3
C3
10
µF
L2
10
µF
SW1
GND2
FB2
CTRL2
CTRL1 GND1
R
Q1
182k
CIN
4.7
µF
L1
15
µF


Similar Part No. - LCQF

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
LCQT-MSOP10 ARIES-LCQT-MSOP10 Datasheet
660Kb / 1P
   Small Outline Prototyping Adapters
LCQT-QFP0.5-32 ARIES-LCQT-QFP0.5-32 Datasheet
786Kb / 1P
   QFP Prototyping Adapters
LCQT-QFP0.5-40 ARIES-LCQT-QFP0.5-40 Datasheet
786Kb / 1P
   QFP Prototyping Adapters
LCQT-QFP0.5-40-1 ARIES-LCQT-QFP0.5-40-1 Datasheet
786Kb / 1P
   QFP Prototyping Adapters
LCQT-QFP0.5-52 ARIES-LCQT-QFP0.5-52 Datasheet
786Kb / 1P
   QFP Prototyping Adapters
More results

Similar Description - LCQF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
logo
Sipex Corporation
SP7686 SIPEX-SP7686 Datasheet
1Mb / 16P
   Constant Current Flash Driver in DFN 2mm x 3mm
logo
Linear Technology
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com