Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6106HS5TRMPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT6106HS5TRMPBF
Description  36V Low Cost High Side Current Sense in a SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6106HS5TRMPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6106HS5TRMPBF Datasheet HTML 4Page - Linear Technology LT6106HS5TRMPBF Datasheet HTML 5Page - Linear Technology LT6106HS5TRMPBF Datasheet HTML 6Page - Linear Technology LT6106HS5TRMPBF Datasheet HTML 7Page - Linear Technology LT6106HS5TRMPBF Datasheet HTML 8Page - Linear Technology LT6106HS5TRMPBF Datasheet HTML 9Page - Linear Technology LT6106HS5TRMPBF Datasheet HTML 10Page - Linear Technology LT6106HS5TRMPBF Datasheet HTML 11Page - Linear Technology LT6106HS5TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT6106
9
6106fa
APPLICATIONS INFORMATION
Output Error Due to the Amplifier DC Offset
Voltage, VOS
EV
R
R
OUT VOS
OS
OUT
IN
()
=
The DC offset voltage of the amplifier adds directly to the
value of the sense voltage, VSENSE. This is the dominant
error of the system and it limits the low end of the dynamic
range. The paragraph “Selection of External Current Sense
Resistor” provides details.
Output Error Due to the Bias Currents, IB+ and IB–
The bias current IB+ flows into the positive input of the
internal op amp. IB– flows into the negative input.
E
OUT(IBIAS) = ROUT IB
+
R
SENSE
R
IN
–I
B
⎝⎜
⎠⎟
Assuming IB+ ≅ IB– = IBIAS, and RSENSE << RIN then:
EOUT(IBIAS) ≅ –ROUT • IBIAS
It is convenient to refer the error to the input:
EIN(IBIAS) ≅ –RIN • IBIAS
For instance if IBIAS is 60nA and RIN is 1k, the input referred
error is 60μV. Note that in applications where RSENSE
RIN, IB+ causes a voltage offset in RSENSE that cancels the
error due to IB– and EOUT(IBIAS) ≅ 0mV. In most applica-
tions, RSENSE << RIN, the bias current error can be similarly
reduced if an external resistor RIN+ = (RIN – RSENSE) is
connected as shown in Figure 4. Under both conditions:
EIN(IBIAS) = ±RIN • IOS; where IOS = IB+ – IB–
If the offset current, IOS, of the LT6106 amplifier is 6nA,
the 60μV error above is reduced to 6μV.
Adding RIN+ as described will maximize the dynamic
range of the circuit. For less sensitive designs, RIN+ is
not necessary.
Output Error Due to Gain Error
The LT6106 exhibits a typical gain error of –0.25% at 1mA
output current. The primary source of gain error is due to
the finite gain to the PNP output transistor, which results in
a small percentage of the current in RIN not appearing in the
output load ROUT.
Minimum Output Voltage
The curves of the Output Voltage vs Input Sense Voltage
show the behavior of the LT6106 with low input sense volt-
ages. When VSENSE = 0V, the output voltage will always
be slightly positive, the result of input offset voltages and
of a small amount of quiescent current (0.7μA to 1.2μA)
flowing through the output device. The minimum output
voltage in the Electrical Characteristics table include both
these effects.
Power Dissipation Considerations
The power dissipated by the LT6106 will cause a small
increase in the die temperature. This rise in junction tem-
perature can be calculated if the output current and the
supply current are known.
The power dissipated in the LT6106 due to the output
signal is:
POUT = (VIN– – VOUT) • IOUT
Since VIN– ≅ V+, POUT ≅ (V+ – VOUT) • IOUT
The power dissipated due to the quiescent supply current is:
PQ = IS • (V+ – V)
The total power dissipated is the output dissipation plus
the quiescent dissipation:
PTOTAL = POUT + PQ
The junction temperature is given by:
TJ = TA + θJA • PTOTAL
At the maximum operating supply voltage of 36V and the
maximum guaranteed output current of 1mA, the total
Figure 4. Second Input R Minimizes Error Due to Input Bias Current
LT6106
ROUT
VOUT
6106 F04
RIN
RIN
+
V+
LOAD
RSENSE
V+
V
OUT
RIN
+ = RIN– – RSENSE
–IN
+IN


Similar Part No. - LT6106HS5TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6106 LINER-LT6106 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT6106 LINER-LT6106 Datasheet
250Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
LT6106 LINER-LT6106_15 Datasheet
250Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
More results

Similar Description - LT6106HS5TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6106 LINER-LT6106_15 Datasheet
250Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
LTC6101 LINER-LTC6101 Datasheet
330Kb / 20P
   High Voltage, High-Side Current Sense Amplifier in SOT-23
LT6107 LINER-LT6107_15 Datasheet
289Kb / 12P
   High Temperature High Side Current Sense Amp in SOT-23
LT6107 LINER-LT6107 Datasheet
284Kb / 12P
   High Temperature High Side Current Sense Amp in SOT-23
logo
Linear Dimensions Semic...
LTC6101ACMS8TRPBF LINEAR_DIMENSIONS-LTC6101ACMS8TRPBF Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Technology
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6101HV LINER-LTC6101HV_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
   Low cost high-side current sense amplifier
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com