Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP82N055KLE Datasheet(PDF) 5 Page - NEC

Part # NP82N055KLE
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP82N055KLE Datasheet(HTML) 5 Page - NEC

  NP82N055KLE Datasheet HTML 1Page - NEC NP82N055KLE Datasheet HTML 2Page - NEC NP82N055KLE Datasheet HTML 3Page - NEC NP82N055KLE Datasheet HTML 4Page - NEC NP82N055KLE Datasheet HTML 5Page - NEC NP82N055KLE Datasheet HTML 6Page - NEC NP82N055KLE Datasheet HTML 7Page - NEC NP82N055KLE Datasheet HTML 8Page - NEC NP82N055KLE Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet D14098EJ6V0DS
5
NP82N055ELE, NP82N055KLE, NP82N055CLE, NP82N055DLE, NP82N055MLE, NP82N055NLE
Figure6. FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
Pulsed
1
4
2
3
1000
100
10
1
0.1
56
TA = 175
°C
150
°C
75
°C
25
°C
−55°C
Figure7. DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
4
300
250
200
150
100
50
0
2
Pulsed
0
3
1
VGS = 10 V
5.0 V
4.5 V
Figure8. FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
0.01
0.1
1
10
100
10
100
0.1
0.01
1
VDS = 10 V
Pulsed
25
°C
75
°C
175
°C
TA =
−55°C
Figure9. DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
510
10
15
20
Pulsed
20
ID = 41 A
0
Figure10. DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
10
10
1
20
100
1000
Pulsed
0
5.0 V
10 V
VGS = 4.5 V
Figure11. GATE TO SOURCE THRESHOLD VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature -
°C
0.5
VDS = VGS
ID = 250
μA
1.0
1.5
2.0
2.5
3.0
−50
0
50
100
150
0


Similar Part No. - NP82N055KLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP82N055KLE RENESAS-NP82N055KLE Datasheet
5Mb / 6P
   Product Scout Automotive
NP82N055KLE RENESAS-NP82N055KLE Datasheet
431Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
NP82N055KLE-E1-AY RENESAS-NP82N055KLE-E1-AY Datasheet
431Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
NP82N055KLE-E2-AY RENESAS-NP82N055KLE-E2-AY Datasheet
431Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - NP82N055KLE

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE NEC-NP80N055EHE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG NEC-NP109N04PUG Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE NEC-NP84N055EHE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP86N04EHE NEC-NP86N04EHE Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com