Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3497 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3497
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3497 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3497 Datasheet HTML 4Page - Linear Technology LT3497 Datasheet HTML 5Page - Linear Technology LT3497 Datasheet HTML 6Page - Linear Technology LT3497 Datasheet HTML 7Page - Linear Technology LT3497 Datasheet HTML 8Page - Linear Technology LT3497 Datasheet HTML 9Page - Linear Technology LT3497 Datasheet HTML 10Page - Linear Technology LT3497 Datasheet HTML 11Page - Linear Technology LT3497 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT3498
8
3498f
OPERATION— LED DRIVER
The LED portion of the LT3498 uses a constant-frequency,
current mode control scheme to provide excellent line
and load regulation. Operation can be best understood
by referring to the Block Diagram.
At power-up, the capacitor at the CAP1 pin is charged up
to VIN (input supply voltage) through the inductor and the
internal Schottky diode. If CTRL1 is pulled higher than
125mV, the bandgap reference, the start-up bias and the
oscillator are turned on. At the start of each oscillator cycle,
the power switch Q1 is turned on. A voltage proportional
to the switch current is added to a stabilizing ramp and the
resulting sum is fed into the positive terminal of the PWM
comparator, A2. When this voltage exceeds the level at the
negative input of A2, the PWM logic turns off the power
switch. The level at the negative input of A2 is set by the
error amplifier A1, and is simply an amplified version of
the difference between the VCAP1 and VLED1 voltage and
the bandgap reference. In this manner the error amplifier,
A1, sets the correct peak current level in inductor L1 to
keep the output in regulation. The CTRL1 pin is used to
adjust the LED current. The LED Driver is shutdown when
CTRL1 is pulled lower than 75mV.
Minimum Output Current
The LED Driver of the LT3498 can drive a 4-LED string at
2mA LED current, without pulse-skipping, using the same
external components shown in the application circuit on
the front page of this data sheet. As current is further
reduced, the device will begin skipping pulses. This will
result in some low frequency ripple, although the average
LED current remains regulated down to zero. The photo in
Figure 1 details circuit operation driving four white LEDs
at 2mA load. Peak inductor current is less than 60mA and
the regulator operates in discontinuous mode, meaning
the inductor current reaches zero during the discharge
phase. After the inductor current reaches zero, the SW1
pin exhibits ringing due to the LC tank circuit formed
by the inductor in combination with the switch and the
diode capacitance. This ringing is not harmful; far less
spectral energy is contained in the ringing than in the
switch transitions.
200ns/DIV
VSW
10V/DIV
IL
50mA/DIV
3498 F01
VIN = 4.2V
ILED = 2mA
4 LEDs
Figure 1. Switching Waveforms with
Four White LEDs at 2mA Load


Similar Part No. - LT3497

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3497 LINEAR-LT3497 Datasheet
345Kb / 20P
   Dual Full Function White LED Driver with Integrated Schottky Diodes
logo
Linear Technology
LT3497 LINER-LT3497 Datasheet
351Kb / 20P
   Dual Full Function White LED Driver with Integrated Schottky Diodes
logo
Linear Integrated Syste...
LT3497EDDB LINEAR-LT3497EDDB Datasheet
345Kb / 20P
   Dual Full Function White LED Driver with Integrated Schottky Diodes
logo
Linear Technology
LT3497 LINER-LT3497_15 Datasheet
351Kb / 20P
   Dual Full Function White LED Driver with Integrated Schottky Diodes
More results

Similar Description - LT3497

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
logo
Sipex Corporation
SP7686 SIPEX-SP7686 Datasheet
1Mb / 16P
   Constant Current Flash Driver in DFN 2mm x 3mm
logo
Linear Technology
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com