Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM3446 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3446
Description  20V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3446 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM3446 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3446 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3446 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3446 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3446 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3446 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM3446
20V N-Channel MOSFET
1/6
Version: B07
SOT-26
Features
Advance Trench Process Technology
High Density Cell Design for Ultra Low On-resistance
Application
Load Switch
PA Switch
Ordering Information
Part No.
Package
Packing
TSM3446CX6 RF
SOT-26
3Kpcs / 7” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current, VGS @4.5V.
ID
5.3
A
Pulsed Drain Current, VGS @4.5V
IDM
20
A
Continuous Source Current (Diode Conduction)
a,b
IS
0.72
A
Ta = 25
oC
2.0
Maximum Power Dissipation
Ta = 70
oC
PD
1.3
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
JC
30
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
JA
80
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 5 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
33 @ VGS = 4.5V
5.3
20
40 @ VGS = 2.5V
4.4
Pin Definition:
1. Drain 6. Drain
2. Drain 5, Drain
3. Gate 4. Source
Block Diagram
N-Channel MOSFET


Similar Part No. - TSM3446

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3446 TSC-TSM3446 Datasheet
209Kb / 6P
   20V N-Channel MOSFET
TSM3446CX6RF TSC-TSM3446CX6RF Datasheet
238Kb / 6P
   20V N-Channel MOSFET
TSM3446CX6RF TSC-TSM3446CX6RF Datasheet
209Kb / 6P
   20V N-Channel MOSFET
TSM3446CX6RFG TSC-TSM3446CX6RFG Datasheet
209Kb / 6P
   20V N-Channel MOSFET
TSM3446 TSC-TSM3446_10 Datasheet
238Kb / 6P
   20V N-Channel MOSFET
More results

Similar Description - TSM3446

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
SSF2160G4 GOOD-ARK-SSF2160G4_15 Datasheet
953Kb / 8P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com