Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP86N04EHE-E2-AY Datasheet(PDF) 9 Page - NEC

Part # NP86N04EHE-E2-AY
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP86N04EHE-E2-AY Datasheet(HTML) 9 Page - NEC

Back Button NP86N04EHE-E2-AY Datasheet HTML 2Page - NEC NP86N04EHE-E2-AY Datasheet HTML 3Page - NEC NP86N04EHE-E2-AY Datasheet HTML 4Page - NEC NP86N04EHE-E2-AY Datasheet HTML 5Page - NEC NP86N04EHE-E2-AY Datasheet HTML 6Page - NEC NP86N04EHE-E2-AY Datasheet HTML 7Page - NEC NP86N04EHE-E2-AY Datasheet HTML 8Page - NEC NP86N04EHE-E2-AY Datasheet HTML 9Page - NEC NP86N04EHE-E2-AY Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet D14235EJ4V0DS
9
NP86N04EHE, NP86N04KHE, NP86N04CHE, NP86N04DHE, NP86N04MHE, NP86N04NHE
TAPE INFORMATION
There are two types (-E1, -E2) of taping depending on the direction of the device.
Reel side
Draw-out side
MARKING INFORMATION
86N04
Lot code
NEC
HE
Pb-free plating marking
Abbreviation of part number
RECOMMENDED SOLDERING CONDITIONS
These products should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, please contact an NEC Electronics
sales representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
MP-25ZJ, MP-25ZK
Maximum temperature (Package's surface temperature): 260
°C or below
Time at maximum temperature: 10 seconds or less
Time of temperature higher than 220
°C: 60 seconds or less
Preheating time at 160 to 180
°C: 60 to 120 seconds
Maximum number of reflow processes: 3 times
Maximum chlorine content of rosin flux (percentage mass): 0.2% or less
IR60-00-3
Wave soldering
MP-25, MP-25K, MP-25SK,
MP-25 Fin Cut
Maximum temperature (Solder temperature): 260
°C or below
Time: 10 seconds or less
Maximum chlorine content of rosin flux: 0.2% (wt.) or less
THDWS
Partial heating
MP-25ZJ, MP-25ZK,
MP-25K, MP-25SK
Maximum temperature (Pin temperature): 350
°C or below
Time (per side of the device): 3 seconds or less
Maximum chlorine content of rosin flux: 0.2% (wt.) or less
P350
Partial heating
MP-25, MP-25 Fin Cut
Maximum temperature (Pin temperature): 300
°C or below
Time (per side of the device): 3 seconds or less
Maximum chlorine content of rosin flux: 0.2% (wt.) or less
P300
Caution Do not use different soldering methods together (except for partial heating).
<R>
<R>
<R>


Similar Part No. - NP86N04EHE-E2-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP86N04EHE-E2-AY RENESAS-NP86N04EHE-E2-AY Datasheet
436Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - NP86N04EHE-E2-AY

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE NEC-NP80N055EHE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG NEC-NP109N04PUG Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE NEC-NP84N055EHE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com