Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP88N055ELE-E2-AY Datasheet(PDF) 4 Page - NEC

Part # NP88N055ELE-E2-AY
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP88N055ELE-E2-AY Datasheet(HTML) 4 Page - NEC

  NP88N055ELE-E2-AY Datasheet HTML 1Page - NEC NP88N055ELE-E2-AY Datasheet HTML 2Page - NEC NP88N055ELE-E2-AY Datasheet HTML 3Page - NEC NP88N055ELE-E2-AY Datasheet HTML 4Page - NEC NP88N055ELE-E2-AY Datasheet HTML 5Page - NEC NP88N055ELE-E2-AY Datasheet HTML 6Page - NEC NP88N055ELE-E2-AY Datasheet HTML 7Page - NEC NP88N055ELE-E2-AY Datasheet HTML 8Page - NEC NP88N055ELE-E2-AY Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet D13933EJ7V0DS
4
NP88N055ELE, NP88N055KLE, NP88N055CLE, NP88N055DLE, NP88N055MLE, NP88N055NLE
TYPICAL CHARACTERISTICS (TA = 25
°C)
Figure2. TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature -
°C
0
0
25
50
75
100
125
150
175
200
350
300
250
200
150
100
50
Figure1. DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
0
0
25
50
75
100
125
150
175
200
20
40
60
80
100
Figure4. SINGLE AVALANCHE ENERGY
DERATING FACTOR
TC - Case Temperature -
°C
Starting Tch - Starting Channel Temperature -
°C
0
25
100
400
600
800
50
75
100
125
150
175
500
300
200
700
IAS = 75 A
88 A
562 mJ
232 mJ
Figure3. FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
10
1
0.1
100
0.1
1000
1
10
100
ID(pulse)
R
DS(on)
Limited
(V
GS
= 10
V)
ID(DC)
PW
=
10
μs
1 ms
10
ms
DC
Po
wer
Dissipation
Limited
Single pulse
TC = 25
°C
100
μs
Figure5. TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
10
0.01
0.1
1
100
1000
1 m
10 m
100 m
1
10
100
1000
10
100
μμ
Single pulse
Rth(ch-A) = 83.3
°C/W
TC = 25
°C
Rth(ch-C) = 0.52
°C/W
PW - Pulse Width - s


Similar Part No. - NP88N055ELE-E2-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP88N055ELE-E2-AY RENESAS-NP88N055ELE-E2-AY Datasheet
421Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - NP88N055ELE-E2-AY

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE NEC-NP80N055EHE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG NEC-NP109N04PUG Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE NEC-NP84N055EHE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP86N04EHE NEC-NP86N04EHE Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com